Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD83586C Datasheet (PDF) - Elite Semiconductor Memory Technology Inc.

AD83586C Datasheet PDF - Elite Semiconductor Memory Technology Inc.
Part # AD83586C
Download  AD83586C Download
File Size   1801.33 Kbytes
Page   83 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2x60W Stereo / 1x120W Mono / 2x30W1x60W 2.1CH Digital Audio Amplifier with 36 bands EQ and DRC Functions

AD83586C Datasheet (PDF)

Go To PDF Page Download Datasheet
AD83586C Datasheet PDF - Elite Semiconductor Memory Technology Inc.

Part # AD83586C
Download  AD83586C Click to download

File Size   1801.33 Kbytes
Page   83 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2x60W Stereo / 1x120W Mono / 2x30W1x60W 2.1CH Digital Audio Amplifier with 36 bands EQ and DRC Functions

AD83586C Datasheet (HTML) - Elite Semiconductor Memory Technology Inc.


AD83586C Product details

Features
16/18/20/24-bits input with I2
S, Left-alignment
and Right-alignment and TDM data format
PSNR & DR(A-weighting)
Loudspeaker: 130dB (PSNR), 106dB (DR)@24V
 Multiple sampling frequencies (Fs)
8kHz, 16kHz and 32kHz / 44.1kHz / 48kHz and
88.2k / 96kHz
System clock = 32x,48x, 64x,96x, 128x,192x,
256x, 384x, 512 Fs
MCLK system:
32x~512x Fs for 8kHz, 16kHz and 32kHz /
44.1kHz / 48kHz and 88.2kHz / 96kHz
BCLK system:
32x~256x Fs for 8kHz, 16kHz and 32kHz /
44.1kHz / 48kHz and 88.2kHz / 96kHz
 Supply voltage
3.3V for digital circuit
1.65~3.6V for DVDDIO
4.5V~26V for loudspeaker driver
Speaker peak output power at 24V
60W x 2CH into 4Ω @ 0.4% THD+N
120W x 1CH into 2Ω @ 0.9% THD+N
Speaker peak output power for 2.1CH at 24V
30W x 2CH into 8Ω @ 0.3% THD+N
60W x 1CH into 4Ω @ 0.4% THD+N
Sound processing including:
36 bands parametric speaker EQ
Volume control (+24dB~-103dB, 0.125dB/step)
DRC, AGC and Power Clipping
Programmed 3D surround sound
Channel mixing
Compensate filter
DC-blocking high-pass filter
Pre-scale/post-scale
I
2
S output with user programmed gain
Crossover filter for twitter and woofer
Anti-pop design
Power meter
I
2
S output with selectable Audio DSP point
Short circuit and over-temperature protection
Supports I2C control without clock
I
2C control with 4 selectable device address
Support hardware and software reset
Internal PLL
LV & HV Under-voltage detection
 Over voltage protection
Auto clock detection
Power saving mode
DTC

Applications
TV audio
Boom-box, CD and DVD receiver, docking system
Powered speaker
Wireless audio

Description
AD83586C is a digital audio amplifier capable of
driving a pair of 8Ω, 25W (30W peak) plus a single 4Ω,
50W (60W peak), or a pair of 4Ω, 50W (60W peak) or
a single 2Ω, 100W (120W peak) speaker operating at
24V supply with proper cooling method.
AD83586C can provide advanced audio processing
capabilities, such as volume control, 36 bands
speaker EQ, audio mixing, 3D surround and Dynamic
Range Control (DRC). These functions are fully
programmable via a simple I
2C control interface.
Robust protection circuits are provided to protect
AD83586C from damage due to accidental erroneous
operating condition. AD83586C is more tolerant to
noise and PVT (Process, Voltage, and Temperature)
variation than the analog Class-AB or Class-D audio
amplifier counterpart implemented by analog circuit
design. AD83586C is pop free during instantaneous
power switch because of its built-in, robust anti-pop
circuit.




Similar Part No. - AD83586C

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD83586B ESMT-AD83586B Datasheet
1Mb / 62P
2x40W Stereo / 1x 80W Mono / 2x20W1x40W 2.1CH Digital Audio Amplifier with 20 Bands EQ
Revision: 1.3
More results


Similar Description - AD83586C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5709 TI-TAS5709_15 Datasheet
1Mb / 60P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5709 TI1-TAS5709_16 Datasheet
1Mb / 61P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
logo
Integrated Silicon Solu...
IS31AP2121-LQLS1 ISSI-IS31AP2121-LQLS1 Datasheet
708Kb / 41P
2횞25W STEREO / 1횞 50W MONO DIGITAL AUDIO AMPLIFIER WITH 20 BANDS EQ FUNCTIONS, DRC AND 2.1CH MODE
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Elite Semiconductor Mem...
AD87588 ESMT-AD87588 Datasheet
1Mb / 3P
2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 20 Bands EQ Functions Capless Line Driver
Revision: 1.0 Feb. 2015
AD82584 ESMT-AD82584 Datasheet
208Kb / 3P
2x20W Stereo / 1x 40W Mono Digital Audio Amplifier With 20 bands EQ Functions, DRC and 2.1CH Mode
Revision: 0.3
AD82584D ESMT-AD82584D Datasheet
949Kb / 56P
2x25W Stereo / 1x 50W Mono Digital Audio Amplifier With 16 bands EQ Functions, DRC
Revision: 1.6
AD83586B ESMT-AD83586B Datasheet
1Mb / 62P
2x40W Stereo / 1x 80W Mono / 2x20W1x40W 2.1CH Digital Audio Amplifier with 20 Bands EQ
Revision: 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com