Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD82587D Datasheet (PDF) - Elite Semiconductor Memory Technology Inc.

AD82587D Datasheet PDF - Elite Semiconductor Memory Technology Inc.
Part # AD82587D
Download  AD82587D Download
File Size   764.62 Kbytes
Page   45 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2X20W Stereo / 1X40W Mono Digital Audio Amplifier

AD82587D Datasheet (PDF)

Go To PDF Page Download Datasheet
AD82587D Datasheet PDF - Elite Semiconductor Memory Technology Inc.

Part # AD82587D
Download  AD82587D Click to download

File Size   764.62 Kbytes
Page   45 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2X20W Stereo / 1X40W Mono Digital Audio Amplifier

AD82587D Datasheet (HTML) - Elite Semiconductor Memory Technology Inc.


AD82587D Product details

Features
16/18/20/24-bit input with I2
S, Left-alignment
and Right-alignment data format
PSNR & DR(A-weighting)
Loudspeaker: 97dB (PSNR), 105dB (DR) @ 24V
 Multiple sampling frequencies (Fs)
32kHz / 44.1kHz / 48kHz and
64kHz / 88.2kHz / 96kHz and
128kHz/176.4kHz/192kHz
System clock = 64x, 128x, 256x, 384x, 512x, 768x,
1024x Fs
256x~1024x Fs for 32kHz / 44.1kHz / 48kHz
128x~512x Fs for 64kHz / 88.2kHz / 96kHz
64x~256x Fs for 128kHz /176.4kHz/192kHz
Supply voltage
3.3V for digital circuit
10V~26V for loudspeaker driver
Loudspeaker output power for Stereo@ 24V
10W x 2ch into 8Ω @ 0.16% THD+N
15W x 2ch into 8Ω @ 0.18% THD+N
20W x 2ch into 8Ω @ 0.24% THD+N
Loudspeaker output power for Mono@ 24V
20W x 1ch into 4Ω @ 0.17% THD+N
30W x 1ch into 4Ω @ 0.2% THD+N
40W x 1ch into 4Ω @ 0.24% THD+N
Sounds processing including:
Volume control (+24dB~-103dB, 0.125dB/step)
Dynamic range control
Power clipping
Channel mixing
User programmed noise gate with hysteresis window
DC-blocking high-pass filter
Anti-pop design
Short circuit and over-temperature protection
I
2C control interface with selectable device address
Internal PLL
LV Under-voltage shutdown and HV Under-voltage
detection
Power saving mode
Dynamic temperature control
Applications
TV audio
Boom-box, CD and DVD receiver, docking system
Powered speaker
Wireless audio
Description
AD82587D is a digital audio amplifier capable of
driving a pair of 8Ω,20W or a single 4Ω,40W speaker,
both which operate with play music at a 24V supply
without external heat-sink or fan requirement.
Using I2C digital control interface, the user can control
AD82587D’s input format selection, mute and volume
control functions. AD82587D has many built-in
protection circuits to safeguard AD82587D from
connection errors.




Similar Part No. - AD82587D

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD82584 ESMT-AD82584 Datasheet
208Kb / 3P
2x20W Stereo / 1x 40W Mono Digital Audio Amplifier With 20 bands EQ Functions, DRC and 2.1CH Mode
Revision: 0.3
AD82584D ESMT-AD82584D Datasheet
949Kb / 56P
2x25W Stereo / 1x 50W Mono Digital Audio Amplifier With 16 bands EQ Functions, DRC
Revision: 1.6
AD82584D ESMT-AD82584D Datasheet
2Mb / 84P
2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
Oct. 2022 - Revision: 2.4
AD8258A ESMT-AD8258A Datasheet
208Kb / 3P
Stereo/Mono Digital Audio Amplifier with Headphone Driver and SubWoofer Line-Out
More results


Similar Description - AD82587D

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7748 MPS-MP7748 Datasheet
823Kb / 19P
2x20W Stereo Single Ended Class D Audio Amplifier
logo
Texas Instruments
TAS5421-Q1 TI1-TAS5421-Q1 Datasheet
1Mb / 33P
Mono Automotive Digital-Audio Amplifier
logo
Integrated Silicon Solu...
IS31AP2121 ISSI-IS31AP2121 Datasheet
684Kb / 37P
2X20W STEREO / 1X 40W MONO DIGITAL AUDIO AMPLIFIER
logo
Monolithic Power System...
MP7751 MPS-MP7751 Datasheet
903Kb / 19P
26V, 2x20W Stereo BTL Fix Frequency Class D Audio Amplifier
EV7747DQ-00A MPS-EV7747DQ-00A Datasheet
259Kb / 6P
2x20W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7751-F-00A MPS-EV7751-F-00A Datasheet
243Kb / 7P
2X20W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
logo
Elite Semiconductor Mem...
AD87588 ESMT-AD87588 Datasheet
1Mb / 3P
2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 20 Bands EQ Functions Capless Line Driver
Revision: 1.0 Feb. 2015
AD82584 ESMT-AD82584 Datasheet
208Kb / 3P
2x20W Stereo / 1x 40W Mono Digital Audio Amplifier With 20 bands EQ Functions, DRC and 2.1CH Mode
Revision: 0.3
AD52060 ESMT-AD52060 Datasheet
704Kb / 23P
2x20W Stereo Class-D Audio Amplifier with Power Limit
Revision: 1.5
AD83586B ESMT-AD83586B Datasheet
1Mb / 62P
2x40W Stereo / 1x 80W Mono / 2x20W1x40W 2.1CH Digital Audio Amplifier with 20 Bands EQ
Revision: 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com