Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD82584D Datasheet (PDF) - Elite Semiconductor Memory Technology Inc.

AD82584D Datasheet PDF - Elite Semiconductor Memory Technology Inc.
Part # AD82584D
Download  AD82584D Download
File Size   2173.32 Kbytes
Page   84 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions

AD82584D Datasheet (PDF)

Go To PDF Page Download Datasheet
AD82584D Datasheet PDF - Elite Semiconductor Memory Technology Inc.

Part # AD82584D
Download  AD82584D Click to download

File Size   2173.32 Kbytes
Page   84 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions

AD82584D Datasheet (HTML) - Elite Semiconductor Memory Technology Inc.


AD82584D Product details

Features
Supply voltage
3.3V for digital circuit
8V~26V for loudspeaker driver
Supports 2.0CH/Mono configuration
Loudspeaker output power@12V for stereo
7W x 2CH into 8Ω <1% THD+N
10W x 2CH into 4Ω <1% THD+N
Loudspeaker output power@18V for stereo
15W x 2CH into 8Ω <1% THD+N
Loudspeaker output power@24V for stereo
20W x 2CH into 8Ω <1% THD+N
16/18/20/24-bits input with I2
S, Left-alignment
and Right-alignment data format
 Multiple sampling frequencies (Fs)
32kHz / 44.1kHz / 48kHz and
64kHz / 88.2kHz / 96kHz and
128kHz / 176.4kHz / 192kHz
System clock = 64x, 128x, 192x, 256x, 384x,
512x, 576x, 768x, 1024x Fs
MCLK system:
64x~1024x Fs for 32kHz / 44.1kHz / 48kHz
64x~512x Fs for 64kHz / 88.2kHz / 96kHz
64x~256x Fs for 128kHz / 176.4kHz / 192kHz
BCLK system:
64xFs for 32kHz / 44.1kHz / 48kHz
64xFs for 64kHz / 88.2kHz / 96kHz
64xFs for 128kHz / 176.4kHz / 192kHz
Sound processing including:
30 bands parametric speaker EQ
Volume control (+24dB~-103dB, 0.125dB/step)
Dynamic range control
Three Band plus post Dynamic range control
Power Clipping
Programmed 3D surround sound
Channel mixing
Noise gate with hysteresis window
Bass/Treble tone control
DC-blocking high-pass filter
Pre-scale/post-scale
Supports I2C control without clock
I
2C control interface with selectable device
address
I
2
S output with selectable Audio DSP point
Support hardware and software reset
Internal PLL
Anti-pop design
Level meter and power meter
LV Under-voltage shutdown and HV Under-voltage
detection
 Over voltage protection
Short circuit and over-temperature protection

Applications
TV audio

Description
AD82088 is a digital audio amplifier capable of
driving 20W (BTL) each to a pair of 8Ω load speaker
and 40W (PBTL) to a 4Ω load speaker operating at
24V supply without external heat-sink or fan
requirement with play music. AD82088 provides
advanced audio processing functions, such as volume
control, 30 EQ bands, audio mixing, 3D surround
sound and Dynamic Range Control (DRC). These are
fully programmable via a simple I
2C control interface.
Robust protection circuits are provided to protect
AD82088 from damage due to accidental erroneous
operating condition. The full digital circuit design of
AD82088 is more tolerant to noise and PVT (Process,
Voltage, and Temperature) variation than the analog
class-AB or class-D audio amplifier counterpart
implemented by analog circuit design. AD82088 is pop
free during instantaneous power on/off or mute/shut
down switching because of its robust built-in anti-pop
circuit




Similar Part No. - AD82584D

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD82584D ESMT-AD82584D Datasheet
949Kb / 56P
2x25W Stereo / 1x 50W Mono Digital Audio Amplifier With 16 bands EQ Functions, DRC
Revision: 1.6
More results


Similar Description - AD82584D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2121 ISSI-IS31AP2121 Datasheet
684Kb / 37P
2X20W STEREO / 1X 40W MONO DIGITAL AUDIO AMPLIFIER
logo
Texas Instruments
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
logo
Integrated Silicon Solu...
IS31AP2121-LQLS1 ISSI-IS31AP2121-LQLS1 Datasheet
708Kb / 41P
2횞25W STEREO / 1횞 50W MONO DIGITAL AUDIO AMPLIFIER WITH 20 BANDS EQ FUNCTIONS, DRC AND 2.1CH MODE
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Elite Semiconductor Mem...
AD87588 ESMT-AD87588 Datasheet
1Mb / 3P
2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 20 Bands EQ Functions Capless Line Driver
Revision: 1.0 Feb. 2015
AD82584 ESMT-AD82584 Datasheet
208Kb / 3P
2x20W Stereo / 1x 40W Mono Digital Audio Amplifier With 20 bands EQ Functions, DRC and 2.1CH Mode
Revision: 0.3
AD82584D ESMT-AD82584D Datasheet
949Kb / 56P
2x25W Stereo / 1x 50W Mono Digital Audio Amplifier With 16 bands EQ Functions, DRC
Revision: 1.6
AD82587D ESMT-AD82587D Datasheet
764Kb / 45P
2X20W Stereo / 1X40W Mono Digital Audio Amplifier
Revision: 1.6
AD83586B ESMT-AD83586B Datasheet
1Mb / 62P
2x40W Stereo / 1x 80W Mono / 2x20W1x40W 2.1CH Digital Audio Amplifier with 20 Bands EQ
Revision: 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com