Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB819Z Datasheet (PDF) - TT Electronics.

OPB819Z Datasheet PDF - TT Electronics.
Part # OPB819Z
Download  OPB819Z Download
File Size   429.07 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Slotted Optical Switch

OPB819Z Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB819Z Datasheet PDF - TT Electronics.

Part # OPB819Z
Download  OPB819Z Click to download

File Size   429.07 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Slotted Optical Switch

OPB819Z Datasheet (HTML) - TT Electronics.


OPB819Z Product details

Description:
The OPB819Z slotted switch consists of an infrared emitting diode and an NPN silicon phototransistor mounted in an
opaque housing with clear windows for dust protection. Switching of the phototransistor occurs whenever an opaque
object passes through the slot.
The OPB819Z has an 1.38” (35.05 mm) deep and 1.25” (31.75 mm) wide slot allowing for a longer reach of the optical center
line from the mounting plane. The switch housing is designed to use the lens of each component as the optical aperture
resulting in an equivalent aperture diameter of 0.06” (1.52 mm).
Features:
• Non-contact switching
• 24” (609 mm) long wire leads
• 1.25” ( 31.75 mm) wide slot, 1.38” (35.05 mm) deep slot
Applications:
• Non-contact object sensing
• Assembly line automation
• Machine automation
• Equipment security
• Machine safety




Similar Part No. - OPB819Z

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB819Z OPTEK-OPB819Z Datasheet
215Kb / 3P
Slotted Optical Switch
logo
TT Electronics.
OPB819Z TTELEC-OPB819Z Datasheet
546Kb / 3P
Slotted Optical Switch
More results


Similar Description - OPB819Z

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
slotted optical switch
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
SLOTTED OPTICAL SWITCH
logo
OPTEK Technologies
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
Slotted Optical Switch
1/16
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
Slotted Optical Switch
logo
TT Electronics.
OPB660N TTELEC-OPB660N Datasheet
692Kb / 3P
Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
Slotted Optical Switch
OPB819Z TTELEC-OPB819Z Datasheet
546Kb / 3P
Slotted Optical Switch
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
Slotted Optical Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com