Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1764-E/STQTR Datasheet (PDF) - Microchip Technology

PIC16F1764-E/STQTR Datasheet PDF - Microchip Technology
Part # PIC16F1764-E/STQTR
Download  PIC16F1764-E/STQTR Download
File Size   11153.86 Kbytes
Page   564 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 14/20-Pin, 8-Bit Flash Microcontrollers

PIC16F1764-E/STQTR Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F1764-E/STQTR Datasheet PDF - Microchip Technology

Part # PIC16F1764-E/STQTR
Download  PIC16F1764-E/STQTR Click to download

File Size   11153.86 Kbytes
Page   564 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 14/20-Pin, 8-Bit Flash Microcontrollers

PIC16F1764-E/STQTR Datasheet (HTML) - Microchip Technology


PIC16F1764-E/STQTR Product details

Description
The PIC16(L)F1764/5/8/9 family offers intelligent analog with digital peripherals to create up to two independent closedloop channels. These 14 and 20-pin devices enable the ability to interconnect the on-chip peripherals to create custom functions specific to each application; helping simplify the implementation of a complex control system and give designers the flexibility to innovate.

Core Features
• C Compiler Optimized RISC Architecture
• Only 49 Instructions
• Operating Speed:
- DC – 32 MHz clock input
- 125 ns minimum instruction cycle
• Interrupt Capability
• 16-Level Deep Hardware Stack
• Up to Four 8-Bit Timers
• Up to Three 16-Bit Timers
• Power-on Reset (POR)
• Configurable Power-up Timer (PWRT)
• Brown-out Reset (BOR) with Selectable Trip Point
• Extended Watchdog Timer (EWDT):
- Low-power 31 kHz WDT
- Software-selectable prescaler
- Software-selectable enable




Similar Part No. - PIC16F1764-E/STQTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1764 MICROCHIP-PIC16F1764 Datasheet
7Mb / 563P
14/20-Pin, 8-Bit Flash Microcontrollers
10/25/17
More results


Similar Description - PIC16F1764-E/STQTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F508 MICROCHIP-PIC12F508 Datasheet
1Mb / 98P
8/14-Pin, 8-Bit Flash Microcontrollers
2004
PIC12F508 MICROCHIP-PIC12F508_07 Datasheet
1Mb / 100P
8/14-Pin, 8-Bit Flash Microcontrollers
2007
PIC12F508 MICROCHIP-PIC12F508_09 Datasheet
1Mb / 110P
8/14-Pin, 8-Bit Flash Microcontrollers
2009
PIC16LF1503 MICROCHIP-PIC16LF1503 Datasheet
3Mb / 340P
14-Pin Flash, 8-Bit Microcontrollers
2011
PIC12F529T48A MICROCHIP-PIC12F529T48A Datasheet
981Kb / 98P
14-Pin, 8-Bit Flash Microcontrollers
11/29/11
PIC16F1503-I-MG MICROCHIP-PIC16F1503-I-MG Datasheet
3Mb / 340P
14-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC12F509-I MICROCHIP-PIC12F509-I Datasheet
1Mb / 110P
8/14-Pin, 8-Bit Flash Microcontrollers
03/26/09
PIC16LF1503-I MICROCHIP-PIC16LF1503-I Datasheet
3Mb / 340P
14-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC12F510-I MICROCHIP-PIC12F510-I Datasheet
1Mb / 124P
8/14-Pin, 8-Bit Flash Microcontrollers
10/05/07
PIC16F1764 MICROCHIP-PIC16F1764 Datasheet
7Mb / 563P
14/20-Pin, 8-Bit Flash Microcontrollers
10/25/17
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com