Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC400W Datasheet (PDF) - Synology Inc.

CC400W Datasheet PDF - Synology Inc.
Part # CC400W
Download  CC400W Download
File Size   884.23 Kbytes
Page   8 Pages
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.
Description Camera

CC400W Datasheet (PDF)

Go To PDF Page Download Datasheet
CC400W Datasheet PDF - Synology Inc.

Part # CC400W
Download  CC400W Click to download

File Size   884.23 Kbytes
Page   8 Pages
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.
Description Camera

CC400W Datasheet (HTML) - Synology Inc.


CC400W Product details

Highlights
• Crisp Video, Night and Day
4 MP sensor with 125° wide-angle view, and highpower
IR LED for 10 meters of night vision
• Dual Band Wi-Fi
Supports both 2.4 GHz and 5 GHz Wi-Fi networks
• IP65 Weather-resistant
Fully dust-proof and resistant to low-pressure water
jets
• Integrated 2-way Audio
Enables remote conversations and instructions to deter
threats and respond immediately
• Edge AI Detection and Search
On-camera People and Vehicle Detection, Intrusion
Detection, Counting, Instant Search, and Auto Tracking




Similar Part No. - CC400W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC400 TI1-CC400 Datasheet
566Kb / 2P
RF Transceiver
CC400 TI-CC400 Datasheet
575Kb / 31P
Single Chip High Performance RF Transceiver
3.2 2005-05-25
CC400 TI-CC400 Datasheet
575Kb / 31P
Single Chip High Performance RF Transceiver
3.2 2005-05-25
CC400-RTB2 TI-CC400-RTB2 Datasheet
575Kb / 10P
Single Chip High Performance RF Transceiver
3.2 2005-05-25
CC400-RTB2 TI-CC400-RTB2 Datasheet
575Kb / 31P
Single Chip High Performance RF Transceiver
3.2 2005-05-25
More results


Similar Description - CC400W

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A3P250 ACTEL-A3P250 Datasheet
538Kb / 1P
Camera Interface
logo
Leopard Imaging Inc.
LI-AR0144-GMSL LEOPARD-LI-AR0144-GMSL Datasheet
813Kb / 8P
SerDes Camera
LI-AR0231-GMSL-060H LEOPARD-LI-AR0231-GMSL-060H Datasheet
616Kb / 7P
SerDes Camera
LI-AR0820-GMSL2-060H LEOPARD-LI-AR0820-GMSL2-060H Datasheet
669Kb / 7P
SerDes Camera
LI-ISX019-GMSL LEOPARD-LI-ISX019-GMSL Datasheet
614Kb / 6P
SerDes Camera
LI-OV10640-490-SER LEOPARD-LI-OV10640-490-SER Datasheet
359Kb / 3P
SerDes Camera
LI-OV10640-GMSL2-060H LEOPARD-LI-OV10640-GMSL2-060H Datasheet
646Kb / 7P
SerDes Camera
LI-OV10650-495-GMSL2 LEOPARD-LI-OV10650-495-GMSL2 Datasheet
749Kb / 7P
SerDes Camera
LI-S5K2A1-FPDLINKIII LEOPARD-LI-S5K2A1-FPDLINKIII Datasheet
636Kb / 6P
SerDes Camera
logo
Advantech Co., Ltd.
ICAM-7000 ADVANTECH-ICAM-7000 Datasheet
221Kb / 1P
Smart Camera
22-Dec-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com