Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7327 Datasheet (PDF) - Holtek Semiconductor Inc

HT7327 Datasheet PDF - Holtek Semiconductor Inc
Part # HT7327
Download  HT7327 Download
File Size   335.98 Kbytes
Page   8 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Low Power Consumption LDO

HT7327 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7327 Datasheet PDF - Holtek Semiconductor Inc

Part # HT7327
Download  HT7327 Click to download

File Size   335.98 Kbytes
Page   8 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Low Power Consumption LDO

HT7327 Datasheet (HTML) - Holtek Semiconductor Inc


HT7327 Product details

Features
• Ultra low quiescent current: 3.5µA (typ.)
• High input voltage (up to 12V)
• Output voltage: 1.8V, 2.5V, 2.7V, 3.0V, 3.3V, 3.5V,
4.15V, 5.0V
• Output voltage accuracy: tolerance ±3%
• Maximum output current: 250mA
• Low dropout voltage
• Low temperature coefficient
• 3-pin SOT89 package

Applications
• Battery-powered equipment
• Voltage regulator for microprocessor
• Voltage regulator for LAN cards
• Wireless Communication equipment
• Audio/Video equipment

General Description
The HT73xx series is a set of three-terminal, low
power, high voltage regulators implemented in
CMOS technology. The series features extremely
low quiescent current which is typically 3.5µA .
They allow input voltages as high as 12V. The device
provides large current with a significantly small
dropout voltage.
The HT73xx consists of a high-precision voltage
reference, an error correction circuit, and a current
limited output driver. They are available with several
fixed output voltages ranging from 1.8V to 5.0V.
CMOS technology ensures low dropout voltage
and low current consumption. Although designed
primarily as fixed voltage regulators, these devices
can be used with external components to generate
variable voltages and currents.




Similar Part No. - HT7327

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7327 HOLTEK-HT7327 Datasheet
108Kb / 12P
Low Power Consumption LDO
July 30, 2004
HT7327 HOLTEK-HT7327 Datasheet
125Kb / 12P
Low Power Consumption LDO
January 12, 2006
HT7327-1 HOLTEK-HT7327-1 Datasheet
2Mb / 16P
30V, 250mA TinyPowerTM LDO
HT7327-2 HOLTEK-HT7327-2 Datasheet
2Mb / 16P
30V, 250mA TinyPowerTM LDO
HT7327-3 HOLTEK-HT7327-3 Datasheet
2Mb / 16P
30V, 250mA TinyPowerTM LDO
More results


Similar Description - HT7327

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
Low Power Consumption LDO
July 30, 2004
HT73XX HOLTEK-HT73XX Datasheet
125Kb / 12P
Low Power Consumption LDO
January 12, 2006
logo
Leshan Radio Company
LR7530 LRC-LR7530 Datasheet
209Kb / 9P
100mA CMOS Low Power LDO Low power consumption
logo
Guangdong Kexin Industr...
WL2805N KEXIN-WL2805N Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
WL2805N-HF KEXIN-WL2805N-HF Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
WL2805N-HF-3 KEXIN-WL2805N-HF-3 Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
logo
Will Semiconductor Ltd.
WL2805 WILLSEMI-WL2805 Datasheet
1Mb / 9P
Low power consumption, CMOS LDO
WL2815 WILLSEMI-WL2815 Datasheet
889Kb / 9P
Low power consumption, CMOS LDO
logo
Shanghai Leiditech Elec...
LM71XX LEIDITECH-LM71XX Datasheet
1Mb / 12P
Low dropout micro power consumption LDO
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com