Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7327 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7327
Description  Low Power Consumption LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7327 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7327 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev. 1.80
3
March 19, 2019
HT73xx
Electrical Characteristics
HT7318, +1.8V Output Type
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
2.8V IOUT=40mA
1.746
1.800
1.854
V
IOUT(MAX)
Maximum Output Current
2.8V VOUT ≥ 1.62V
150
—
—
mA
∆VOUT*
Load Regulation
2.8V 1mA ≤ IOUT ≤ 60mA
—
45
90
mV
VDROP**
Dropout Voltage
—
IOUT=40mA
—
170
—
mV
ISS
Quiescent Current
2.8V No load
—
3.5
7
µA
D V OU T
D V IN ´ V OU T
Line Regulation
—
IOUT=40mA
2.8V ≤ VIN ≤ 12V
—
0.2
0.3
%/V
VIN
Input Voltage
—
—
—
—
12
V
, V OU T
, T a
Temperature Coefficient
2.8V I
OUT
=40mA
−40°C < Ta < 85°C
—
±0.7
—
mV/°C
HT7325, +2.5V Output Type
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
3.5V IOUT=40mA
2.425
2.500
2.575
V
IOUT(MAX)
Maximum Output Current
3.5V VOUT ≥ 2.25V
180
—
—
mA
∆VOUT*
Load Regulation
3.5V 1mA ≤ IOUT ≤ 60mA
—
45
90
mV
VDROP**
Dropout Voltage
—
IOUT=40mA
—
110
—
mV
ISS
Quiescent Current
3.5V No load
—
3.5
7.0
µA
D V OU T
D V IN ´ V OU T
Line Regulation
—
IOUT=40mA
3.5V ≤ VIN ≤ 12V
—
0.2
0.3
%/V
VIN
Input Voltage
—
—
—
—
12
V
, V OU T
, T a
Temperature Coefficient
3.5V I
OUT
=40mA
−40°C < Ta < 85°C
—
±0.7
—
mV/°C
HT7327, +2.7V Output Type
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
3.7V IOUT=40mA
2.619
2.700
2.781
V
IOUT(MAX)
Maximum Output Current
3.7V VOUT ≥ 2.43V
200
—
—
mA
∆VOUT*
Load Regulation
3.7V 1mA ≤ IOUT ≤ 80mA
—
45
90
mV
VDROP**
Dropout Voltage
—
IOUT=40mA
—
100
—
mV
ISS
Quiescent Current
3.7V No load
—
3.5
7.0
µA
D V OU T
D V IN ´ V OU T
Line Regulation
—
IOUT=40mA
3.7V ≤ VIN ≤ 12V
—
0.2
0.3
%/V
VIN
Input Voltage
—
—
—
—
12
V
, V OU T
, T a
Temperature Coefficient
3.7V I
OUT
=40mA
−40°C < Ta < 85°C
—
±0.7
—
mV/°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com