Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46517 Datasheet (PDF) - Renesas Technology Corp

SLG46517 Datasheet PDF - Renesas Technology Corp
Part # SLG46517
Download  SLG46517 Download
File Size   2821.12 Kbytes
Page   190 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Programmable Mixed-Signal Matrix with ASM and Dual 44 m/2 A P-FET

SLG46517 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG46517 Datasheet PDF - Renesas Technology Corp

Part # SLG46517
Download  SLG46517 Click to download

File Size   2821.12 Kbytes
Page   190 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Programmable Mixed-Signal Matrix with ASM and Dual 44 m/2 A P-FET

SLG46517 Datasheet (HTML) - Renesas Technology Corp


SLG46517 Product details

Key Features
 Four Analog Comparators
 Voltage Reference
 Seventeen Combination Function Macrocells
 Three Selectable DFF/LATCH or 2-bit LUTs
 One Selectable Continuous DFF/LATCH or 3-bit LUT
 Four Selectable DFF/LATCH or 3-bit LUTs
 One Selectable Pipe Delay or 3-bit LUT
 One Selectable Programmable Pattern Generator or
2-bit LUT
 Five 8-bit Delays/Counters or 3-bit LUTs
 Two 16-bit Delays/Counters or 4-bit LUTs
 Asynchronous State Machine
 Eight States
 Flexible Input Logic from State Transitions
 Serial Communications
 I2C Protocol Interface
 Pipe Delay – 16 Stage/3 Output (Part of Combination
Function Macrocell)
 Programmable Delay
 Additional Logic Functions – 2 Deglitch Filters with Edge
Detectors
 Two Oscillators




Similar Part No. - SLG46517

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46517 DIALOG-SLG46517 Datasheet
1Mb / 190P
GreenPAK Programmable Mixed-Signal Matrix with ASM and Dual 44 m廓/2 A P-FET
logo
Renesas Technology Corp
SLG46517 RENESAS-SLG46517 Datasheet
7Mb / 192P
GreenPAK Programmable Mixed-Signal Matrix with ASM and Dual 44 mΩ/2 A P-FET
2-Mar-2023
logo
Dialog Semiconductor
SLG46517M DIALOG-SLG46517M Datasheet
1Mb / 190P
GreenPAK Programmable Mixed-Signal Matrix with ASM and Dual 44 m廓/2 A P-FET
logo
Renesas Technology Corp
SLG46517M-DIP RENESAS-SLG46517M-DIP Datasheet
130Kb / 1P
DIP Proto Board. Perfect for breadboarding and fast prototypes
logo
Dialog Semiconductor
SLG46517MTR DIALOG-SLG46517MTR Datasheet
1Mb / 190P
GreenPAK Programmable Mixed-Signal Matrix with ASM and Dual 44 m廓/2 A P-FET
More results


Similar Description - SLG46517

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
GreenPAK Programmable Mixed-signal Matrix
SLG46517 DIALOG-SLG46517 Datasheet
1Mb / 190P
GreenPAK Programmable Mixed-Signal Matrix with ASM and Dual 44 m廓/2 A P-FET
SLG46867 DIALOG-SLG46867 Datasheet
1Mb / 208P
GreenPAK Programmable Mixed-Signal Matrix with Dual 44 m廓/2 A P-FET
logo
Renesas Technology Corp
SLG46127 RENESAS-SLG46127 Datasheet
8Mb / 94P
Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46517 RENESAS-SLG46517 Datasheet
7Mb / 192P
GreenPAK Programmable Mixed-Signal Matrix with ASM and Dual 44 mΩ/2 A P-FET
2-Mar-2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
SLG46867 RENESAS-SLG46867 Datasheet
6Mb / 209P
GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET
28-Feb-2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com