Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P161 Datasheet (PDF) - TT Electronics.

P161 Datasheet PDF - TT Electronics.
Part # P161
Download  P161 Download
File Size   862.81 Kbytes
Page   8 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 17 mm Rotary Potentiometer with Push-Pull Switch

P161 Datasheet (PDF)

Go To PDF Page Download Datasheet
P161 Datasheet PDF - TT Electronics.

Part # P161
Download  P161 Click to download

File Size   862.81 Kbytes
Page   8 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 17 mm Rotary Potentiometer with Push-Pull Switch

P161 Datasheet (HTML) - TT Electronics.


P161 Product details

Applications:
•Electric guitars
•Amplifiers
•Mixers
•Drum machines
•Synthesizers
Description: 17mm rotary dual gang potentiometer with push-pull switch. Options include metal shaft; audio and linear tapers; metal bushing; knurled or plain shaft types.
Features:
•Resistance range 1 kΩ to 1 MΩ
•Temperature range -10°C to +70°C
•Rotational cycles of 15,000 minimum
•Switch option
•Vertical and horizontal mount versions
•RoHS compliant




Similar Part No. - P161

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
P1610000 REDLION-P1610000 Datasheet
1Mb / 28P
MODELS T16 & P16 - TEMPERATURE/PROCESS CONTROLLERS
P1610000 REDLION-P1610000 Datasheet
1Mb / 28P
MODELS T16 & P16 - TEMPERATURE/PROCESS CONTROLLERS
logo
NIKO SEMICONDUCTOR CO.,...
P1610AD NIKOSEM-P1610AD Datasheet
310Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
P1610AD UNIKC-P1610AD Datasheet
513Kb / 5P
N-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
P1610AK NIKOSEM-P1610AK Datasheet
346Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - P161

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
17 mm Rotary Potentiometer
PTR90 BOURNS-PTR90 Datasheet
391Kb / 3P
9 mm Multi-Ganged Potentiometer w/Rotary Switch
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
17 mm Rotary Potentiometer
PDB183 BOURNS-PDB183 Datasheet
362Kb / 3P
17 mm Rotary Potentiometer w/Push-Pull Switch
PDB183-GTR BOURNS-PDB183-GTR Datasheet
507Kb / 4P
17 mm Guitar Potentiometer w/Push-Pull Switch
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
17 mm Rotary Potentiometer w/Rotary Switch
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
PDB185-GTR BOURNS-PDB185-GTR Datasheet
665Kb / 4P
17 mm Guitar Potentiometer w/Latching-Push Switch
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
17 mm Guitar Potentiometer
logo
Littelfuse
LF11115TMR LITTELFUSE-LF11115TMR Datasheet
631Kb / 6P
TMR Bipolar Switch 17 Gauss 200nA Push Pull Sensor
Revised: 02/20/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com