Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P162 Datasheet (PDF) - TT Electronics.

P162 Datasheet PDF - TT Electronics.
Part # P162
Download  P162 Download
File Size   740.72 Kbytes
Page   7 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 17 mm Single Gang Potentiometer with Rotary Switch

P162 Datasheet (PDF)

Go To PDF Page Download Datasheet
P162 Datasheet PDF - TT Electronics.

Part # P162
Download  P162 Click to download

File Size   740.72 Kbytes
Page   7 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 17 mm Single Gang Potentiometer with Rotary Switch

P162 Datasheet (HTML) - TT Electronics.


P162 Product details

Features:
Resistance range 1 kΩ to 1 MΩ
Temperature range -10°C to +70°C
Rotational cycles of 15,000 minimum
Switch option
Vertical only mount versions
RoHS compliant
Description:
17mm rotary single gang potentiometer with rotary switch. Options include metal shaft; audio and linear tapers; metal bushing; knurled or plain shaft types.
Applications:
Electric guitars
Amplifiers
Mixers
Drum machines
Synthesizers




Similar Part No. - P162

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P162 AMPHENOL-P162 Datasheet
80Kb / 2P
NovaSensor 2.5F Medical Silicon
logo
Tripp Lite. All Rights ...
P162-000 TRIPPLITE-P162-000 Datasheet
157Kb / 2P
DVI Coupler Gender Changer (F/F)
P162-000 TRIPPLITE-P162-000 Datasheet
421Kb / 2P
DVI Coupler Gender Changer (F/F)
P162-000. TRIPPLITE-P162-000. Datasheet
421Kb / 2P
DVI Coupler Gender Changer (F/F)
P162-000 TRIPPLITE-P162-000_V01 Datasheet
421Kb / 2P
DVI Coupler Gender Changer (F/F)
More results


Similar Description - P162

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
17 mm Rotary Potentiometer
PTR90 BOURNS-PTR90 Datasheet
391Kb / 3P
9 mm Multi-Ganged Potentiometer w/Rotary Switch
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
17 mm Rotary Potentiometer
PDB183 BOURNS-PDB183 Datasheet
362Kb / 3P
17 mm Rotary Potentiometer w/Push-Pull Switch
PDB183-GTR BOURNS-PDB183-GTR Datasheet
507Kb / 4P
17 mm Guitar Potentiometer w/Push-Pull Switch
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
17 mm Rotary Potentiometer w/Rotary Switch
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
12 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
PDB185-GTR BOURNS-PDB185-GTR Datasheet
665Kb / 4P
17 mm Guitar Potentiometer w/Latching-Push Switch
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
17 mm Guitar Potentiometer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com