Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P164 Datasheet (PDF) - TT Electronics.

P164 Datasheet PDF - TT Electronics.
Part # P164
Download  P164 Download
File Size   1339.72 Kbytes
Page   11 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 17 mm Rotary Potentiometer

P164 Datasheet (PDF)

Go To PDF Page Download Datasheet
P164 Datasheet PDF - TT Electronics.

Part # P164
Download  P164 Click to download

File Size   1339.72 Kbytes
Page   11 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 17 mm Rotary Potentiometer

P164 Datasheet (HTML) - TT Electronics.


P164 Product details

Applications:
•Electric guitars
•Amplifiers/mixers/drum machines/synthesizers
•PC’s/monitors
•Appliances
•Audio/car radio/TV sets
Features:
•Resistance range 1 kΩ to 1 MΩ
•Temperature range -10°C to +70°C
•Rotational cycles of 100,000 minimum
•Center and multiple detent options
•Vertical and horizontal mount versions
•RoHS compliant
Description: 17mm rotary potentiometer. Options include single or dual gangs, metal shaft; audio and linear tapers; metal bushing; various shaft lengths; flat, knurled or plain shaft types.




Similar Part No. - P164

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P164-000 TRIPPLITE-P164-000 Datasheet
156Kb / 2P
HDMI Coupler Gender Changer (F/F)
P164-000-KJ-WH TRIPPLITE-P164-000-KJ-WH Datasheet
160Kb / 2P
HDMI Keystone Wallplate Coupler, White (HDMI F/F)
P164-000-KP-BK TRIPPLITE-P164-000-KP-BK Datasheet
174Kb / 2P
HDMI All-in-One Keystone/Panel Mount Coupler (F/F), Black
P164-000-KPA-BK TRIPPLITE-P164-000-KPA-BK Datasheet
172Kb / 2P
HDMI All-in-One Keystone/Panel Mount Angled Coupler (F/F), Black
P164-001-KPA-BK TRIPPLITE-P164-001-KPA-BK Datasheet
171Kb / 3P
High-Speed HDMI with Ethernet All-in-One Keystone/Panel Mount Coupler Cable (F/F), Angled Connector, 1 ft.
More results


Similar Description - P164

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
17 mm Rotary Potentiometer
PDB24 BOURNS-PDB24 Datasheet
310Kb / 2P
PDB24 Series - 24 mm Rotary Potentiometer
PDB183 BOURNS-PDB183 Datasheet
362Kb / 3P
17 mm Rotary Potentiometer w/Push-Pull Switch
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
17 mm Rotary Potentiometer w/Rotary Switch
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
12 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
logo
Productwell Precision E...
R09A11H21 PRODUCTWELL-R09A11H21_14 Datasheet
334Kb / 2P
ROTARY POTENTIOMETER
logo
Bourns Electronic Solut...
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
17 mm Guitar Potentiometer
PDB08 BOURNS-PDB08 Datasheet
739Kb / 3P
PDB08 - 8 mm Micro Rotary Potentiometer
03/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com