Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAA500 Datasheet (PDF) - TT Electronics.

PAA500 Datasheet PDF - TT Electronics.
Part # PAA500
Download  PAA500 Download
File Size   3160.66 Kbytes
Page   10 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description ITE AC/DC Conduction Cooled Power Supply

PAA500 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAA500 Datasheet PDF - TT Electronics.

Part # PAA500
Download  PAA500 Click to download

File Size   3160.66 Kbytes
Page   10 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description ITE AC/DC Conduction Cooled Power Supply

PAA500 Datasheet (HTML) - TT Electronics.


PAA500 Product details

Features:
· 90-264 VAC universal input
· 500W with 30CFM Forced Air
· 450W with Conduction Cooling
· 330W with Natural Convection
· Active PFC function
· Build-in 12V / 0.3A Auxiliary Output
· U bracket or Enclosed Versions Available
· Safety Approval to UL/IEC/EN
62368-1
· No Load Power Consumption
<0.5W
· -30°C to +80°C Wide Range Opera
ting Temperature
· Operating Altitude 5000m
· I/O Isolation 4000VAC
· High Efficiency up to 92%




Similar Part No. - PAA500

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PAA50 TTELEC-PAA50 Datasheet
504Kb / 4P
AC-DC ITE Power Module PAA50 Series
28/05/2021
PAA50-12 TTELEC-PAA50-12 Datasheet
504Kb / 4P
ac-dc ite power module paa50 series
28/05/2021
PAA50-12 TTELEC-PAA50-12 Datasheet
504Kb / 4P
AC-DC ITE Power Module PAA50 Series
28/05/2021
PAA50-13 TTELEC-PAA50-13 Datasheet
504Kb / 4P
ac-dc ite power module paa50 series
28/05/2021
PAA50-13 TTELEC-PAA50-13 Datasheet
504Kb / 4P
AC-DC ITE Power Module PAA50 Series
28/05/2021
More results


Similar Description - PAA500

ManufacturerPart #DatasheetDescription
logo
ULTRA LEVEL TECH CO., L...
RL0402D ULC-RL0402D Datasheet
460Kb / 3P
AC-DC PFC MEDICAL & ITE APPROVED POWER SUPPLY
RL0402 ULC-RL0402 Datasheet
373Kb / 3P
AC-DC PFC MEDICAL & ITE APPROVED POWER SUPPLY
logo
TECHNOLOGY ASSISTANCE B...
TDCP-800-12 TAB-TDCP-800-12 Datasheet
203Kb / 2P
CONDUCTION COOLED SWITCHING POWER SUPPLIES
logo
Power System Technology
PST21A PST-PST21A Datasheet
2Mb / 13P
AC-DC 1200W Conduction cooled
logo
Arch Electronics Corp.
MQF240E ARCH-MQF240E_18 Datasheet
313Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF240O ARCH-MQF240O_18 Datasheet
344Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF240U ARCH-MQF240U_18 Datasheet
386Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500E ARCH-MQF500E_18 Datasheet
294Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500O ARCH-MQF500O_18 Datasheet
332Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500U ARCH-MQF500U_18 Datasheet
335Kb / 5P
AC-DC ITE & Medical Switching Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com