Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAA500 Datasheet(PDF) 4 Page - TT Electronics.

Part # PAA500
Description  ITE AC/DC Conduction Cooled Power Supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PAA500 Datasheet(HTML) 4 Page - TT Electronics.

  PAA500 Datasheet HTML 1Page - TT Electronics. PAA500 Datasheet HTML 2Page - TT Electronics. PAA500 Datasheet HTML 3Page - TT Electronics. PAA500 Datasheet HTML 4Page - TT Electronics. PAA500 Datasheet HTML 5Page - TT Electronics. PAA500 Datasheet HTML 6Page - TT Electronics. PAA500 Datasheet HTML 7Page - TT Electronics. PAA500 Datasheet HTML 8Page - TT Electronics. PAA500 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© TT Electronics plc
General Note
All data sheets are subject to change without no ce.
Rev 9      22 December 2023     Page: 4
TT Electronics
h p://www. electronics.com/power-supplies
Specifica ons (con nued):
PAA500
General Specifica ons
Dimensions ( L x W x H )
5.12”x 3.27” x 1.57”
(130mm x 83mm x 40mm) Tolerance ±0.5mm ( For U-Bracket)
5.12”x3.27”x2.45”
(130mm x 83mm x 62.3mm) Tolerance ±0.5mm  ( For Enclosed)
Weight
650g (For U-Bracket)
710g (For Enclosed)
Cooling Method
Natural Convec on / Conduc on Cooling / 30CFM  Fan
Safety
Approvals*
UL 60950-1
UL / IEC / EN 62368-1
*Safety approvals may be model dependent. Consult TT Electronics for specifics or for additional safety approvals required.
EMC
Conducted EMI
EN55032                                                          Class B
Radiated EMI 
EN55032                                                          Class A
Harmonics Current
EN61000-3-2 ( Full Load )                             Class A
EN55032
                                                                           Class A
ESD
IEC 61000-4-2 Air ±8KV, Contact ±4KV       Class A
RS
IEC 61000-4-3 3V/m                                       Class A
EFT/B
IEC 61000-4-4 ±1KV, ±2KV(L/N-PE)             Class A
Surge
IEC 61000-4-4 ±1KV, ±2KV(L/N-PE)             Class A
CS
IEC61000-4-6 3Vrms                                      Class A
PFMF
IEC61000-4-8 1A/m                                       Class A
Dips
IEC61000-4-11 70% 500ms                          Class B
Interrup ons 
IEC61000-4-11 <5% 5000ms                        Class B
Environment
Opera ng Temperature
-30
°C to +80°C (with derating) (For U-Bracket)
-30
°C to +70°C (with derating) (For Enclosed)
Storage Temperature
-30
°C to +85°C
Temperature Coefficient
±0.03%/
°C (0~50°C)
±0.06%/
°C (-30°C~0°C)
Humidity
95%RH
MTBF
>160k hours @
25°C
Al tude During Opera on
5000m
Vibra on
IEC 60068-2-6 (10
~500Hz, 2G 10min./1cycle, 60min. Each along X,Y,Z axes)
Shock
IEC60068-2-27 (Accelera on:50G ; pulse dura on : 11ms; Filter :500Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com