Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO122 Datasheet (PDF) - Texas Instruments

ISO122 Datasheet PDF - Texas Instruments
Part # ISO122
Download  ISO122 Download
File Size   617.79 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO122 Precision Lowest-Cost Isolation Amplifier

ISO122 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO122 Datasheet PDF - Texas Instruments

Part # ISO122
Download  ISO122 Click to download

File Size   617.79 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO122 Precision Lowest-Cost Isolation Amplifier

ISO122 Datasheet (HTML) - Texas Instruments


ISO122 Product details

1 Features
1• 100% Tested for High-Voltage Breakdown
• Rated 1500 Vrms
• High IMR: 140 dB at 60 Hz
• Bipolar Operation: VO = ±10 V
• 16-Pin Plastic DIP and 28-Lead SOIC
• Ease of Use: Fixed Unity Gain Configuration
• 0.020% Maximum Nonlinearity
• ±4.5-V to ±18-V Supply Range

2 Applications
• Industrial Process Control:
– Transducer Isolator, Isolator for
Thermocouples, RTDs, Pressure Bridges, and
Flow Meters, 4-mA to 20-mA Loop Isolation
• Ground Loop Elimination
• Motor and SCR Control
• Power Monitoring
• PC-Based Data Acquisition
• Test Equipment

3 Description
The ISO122 is a precision isolation amplifier
incorporating a novel duty cycle modulation- demodulation technique. The signal is transmitted
digitally across a 2-pF differential capacitive barrier.
With digital modulation the barrier characteristics do
not affect signal integrity, thus resulting in excellent reliability and good high-frequency transient immunity
across the barrier. Both barrier capacitors are
imbedded in the plastic body of the package.
The ISO122 is easy to use. No external components
are required for operation. The key specifications are
0.020% maximum nonlinearity, 50-kHz signal
bandwidth, and 200-V/°C VOS drift. A power supply range of 4.5 V to 18 V and quiescent currents of 5
mA on VS1 and ±5.5 mA on VS2 make the ISO122
ideal for a wide range of applications.
The ISO122 is available in 16-pin plastic DIP and
28-lead plastic surface-mount packages.




Similar Part No. - ISO122

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122 TI-ISO122 Datasheet
762Kb / 20P
Precision Lowest Cost ISOLATION AMPLIFIER
ISO122 TI1-ISO122 Datasheet
1Mb / 26P
Precision Lowest-Cost Isolation Amplifier
ISO1228 TI1-ISO1228 Datasheet
1Mb / 38P
ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
JUNE 2023
ISO1228 TI1-ISO1228 Datasheet
1Mb / 44P
ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
FEBRUARY 2024
More results


Similar Description - ISO122

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO120 BURR-BROWN-ISO120 Datasheet
184Kb / 16P
Precision Low Cost ISOLATION AMPLIFIER
ISO124 BURR-BROWN-ISO124 Datasheet
252Kb / 12P
Precision Lowest Cost ISOLATION AMPLIFIER
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
Precision Lowest Cost ISOLATION AMPLIFIER
logo
Power Integrations, Inc...
TOP227YN POWERINT-TOP227YN Datasheet
480Kb / 20P
Lowest cost, lowest component count switcher solution
logo
Texas Instruments
ISO122PE4 TI-ISO122PE4 Datasheet
762Kb / 20P
Precision Lowest Cost ISOLATION AMPLIFIER
ISO124U-1K TI1-ISO124U-1K Datasheet
947Kb / 19P
Precision Lowest-Cost
logo
Burr-Brown (TI)
ISO120G-BI BURR-BROWN-ISO120G-BI Datasheet
192Kb / 16P
Precision Low Cost ISOLATION AMPLIFIER
logo
Analog Devices
277 AD-277_15 Datasheet
1Mb / 4P
Precision Isolation Amplifier
logo
Texas Instruments
ISO122 TI1-ISO122_15 Datasheet
1Mb / 26P
Precision Lowest-Cost Isolation Amplifier
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
Precision Lowest-Cost Isolation Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com