Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM124 Datasheet (PDF) - Texas Instruments

LM124 Datasheet PDF - Texas Instruments
Part # LM124
Download  LM124 Download
File Size   375.58 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE OPERATIONAL AMPLIFIER

LM124 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM124 Datasheet PDF - Texas Instruments

Part # LM124
Download  LM124 Click to download

File Size   375.58 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE OPERATIONAL AMPLIFIER

LM124 Datasheet (HTML) - Texas Instruments


LM124 Product details

1FEATURES
• QML-V Qualified, SMD 5962-7704301VCA,
5962-9950403VCA and 5962-9950403V9B
• Rad-Tolerant: 50 kRad (Si) TID
(5962-9950403VCA and 5962-9950403V9B) (1)
– TID Dose Rate = 0.01 rad/sec (Si)
• Wide Supply Ranges
– Single Supply: 3 V to 32 V
– Dual Supplies: ±1.5 V to ±16 V
• Low Supply-Current Drain Independent of
Supply Voltage: 0.8 mA (Typ)
• Low Input Bias and Offset Parameters
– Input Offset Voltage: 1 mV Typ
– Input Offset Current: 2 nA Typ
– Input Bias Current: 30 nA Typ
• Common-Mode Input Voltage Range Includes
Ground, Allowing Direct Sensing Near Ground
• Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage: ±32 V
• Open-Loop Differential Voltage Amplification:
100 V/mV Typ
• Internal Frequency Compensation

DESCRIPTION/ORDERING INFORMATION
These devices consist of four independent high-gain frequency-compensated operational amplifiers that are
designed specifically to operate from a single supply over a wide range of voltages. Operation from split supplies
also is possible if the difference between the two supplies is 3 V to 32 V, and VCC is at least 1.5 V more positive
than the input common-mode voltage. The low supply-current drain is independent of the magnitude of the
supply voltage.
Applications include transducer amplifiers, dc amplification blocks, and all the conventional operational-amplifier
circuits that now can be more easily implemented in single-supply-voltage systems. For example, the LM124 can
be operated directly from the standard 5-V supply that is used in digital systems and provides the required
interface electronics, without requiring additional ±15-V supplies.




Similar Part No. - LM124

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
Low power quad op amps
1995 Nov 27
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
logo
Texas Instruments
LM124 TI-LM124 Datasheet
526Kb / 18P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM124 TI-LM124 Datasheet
598Kb / 24P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
915Kb / 16P
Low Power Quad Operational Amplifiers
Rev 3 June 2005
More results


Similar Description - LM124

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM2902-Q1 TI-LM2902-Q1 Datasheet
222Kb / 10P
QUADRUPLE OPERATIONAL AMPLIFIER
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
Quadruple Operational Amplifiers
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
Quadruple Operational Amplifiers
logo
Texas Instruments
LM124-SP TI1-LM124-SP Datasheet
193Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIER
LM2902-EP TI1-LM2902-EP Datasheet
499Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM2902-Q1 NSC-LM2902-Q1 Datasheet
850Kb / 15P
QUADRUPLE OPERATIONAL AMPLIFIER
logo
Cystech Electonics Corp...
LM324QD CYSTEKEC-LM324QD Datasheet
573Kb / 10P
Quadruple Operational Comparator
2012.12.11
logo
Texas Instruments
LM2902-EP TI1-LM2902-EP_15 Datasheet
499Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIER
LM324-MIL TI1-LM324-MIL Datasheet
944Kb / 25P
Quadruple Operational Amplifier
JUNE 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com