Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1971MX Datasheet (PDF) - Texas Instruments

LM1971MX Datasheet PDF - Texas Instruments
Part # LM1971MX
Download  LM1971MX Download
File Size   669.92 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM1971 Overture™ Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute

LM1971MX Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1971MX Datasheet PDF - Texas Instruments

Part # LM1971MX
Download  LM1971MX Click to download

File Size   669.92 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM1971 Overture™ Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute

LM1971MX Datasheet (HTML) - Texas Instruments


LM1971MX Product details

1FEATURES
23• 3-Wire Serial Interface
• Mute Function
• Click and Pop Free Attenuation Changes
• 8-Pin Plastic PDIP and SOIC Packages
Available

APPLICATIONS
• Communication Systems
• Cellular Phones and Pagers
• Personal Computer Audio Control
• Electronic Music (MIDI)
• Sound Reinforcement Systems
• Audio Mixing Automation

KEY SPECIFICATIONS
• Total Harmonic Distortion 0.0008 % (Typ)
• Frequency Response > 200 kHz (−3 dB) (Typ)
• Attenuation Range (Excluding Mute) 62 dB
(Typ)
• Dynamic Range 115 dB (Typ)
• Mute Attenuation 102 dB (Typ)

DESCRIPTION
The LM1971 is a digitally controlled single channel
audio attenuator fabricated on a CMOS process.
Attenuation is variable in 1 dB steps from 0 dB to −62
dB. A mute function disconnects the input from the
output, providing over 100 dB of attenuation.
The performance of the device is exhibited by its
ability to change attenuation levels without audible
clicks or pops. In addition, the LM1971 features a low
Total Harmonic Distortion (THD) of 0.0008%, and a
Dynamic Range of 115 dB, making it suitable for
digital audio needs. The LM1971 is available in both
8-pin plastic PDIP or SOIC packages.
The LM1971 is controlled by a TTL/CMOS compatible
3-wire serial digital interface. The active low LOAD
line enables the data input registers while the CLOCK
line provides system timing. Its DATA pin receives
serial data on the rising edge of each CLOCK pulse, allowing the desired attenuation setting to be
selected.




Similar Part No. - LM1971MX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1971MX TI-LM1971MX Datasheet
939Kb / 19P
LM1971 Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
LM1971MX TI1-LM1971MX Datasheet
965Kb / 20P
Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
LM1971MX/NOPB TI1-LM1971MX/NOPB Datasheet
965Kb / 20P
Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
More results


Similar Description - LM1971MX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1971 NSC-LM1971 Datasheet
248Kb / 11P
LM1971 Overture??Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
Pot 2-Channel 78dB Audio Attenuator with Mute
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
關Pot??-Channel 76dB Audio Attenuator with Mute
LM4701 NSC-LM4701 Datasheet
541Kb / 15P
LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4781 NSC-LM4781 Datasheet
1Mb / 25P
Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
logo
Texas Instruments
LM1971MX TI-LM1971MX Datasheet
939Kb / 19P
LM1971 Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
LM1973 TI1-LM1973_14 Datasheet
1,010Kb / 20P
LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
LM1972 TI1-LM1972_14 Datasheet
1,016Kb / 21P
LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
LM1971 TI1-LM1971_14 Datasheet
965Kb / 20P
Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com