Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1973 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM1973 Datasheet PDF - National Semiconductor (TI)
Part # LM1973
Download  LM1973 Download
File Size   305.92 Kbytes
Page   11 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 關Pot??-Channel 76dB Audio Attenuator with Mute

LM1973 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1973 Datasheet PDF - National Semiconductor (TI)

Part # LM1973
Download  LM1973 Click to download

File Size   305.92 Kbytes
Page   11 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 關Pot??-Channel 76dB Audio Attenuator with Mute

LM1973 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM1973

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1973 TI1-LM1973 Datasheet
1,010Kb / 20P
LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
LM1973 TI1-LM1973 Datasheet
1Mb / 21P
3-Channel 76dB Audio Attenuator
LM1973M/NOPB TI1-LM1973M/NOPB Datasheet
1Mb / 21P
3-Channel 76dB Audio Attenuator
LM1973MX/NOPB TI1-LM1973MX/NOPB Datasheet
1Mb / 21P
3-Channel 76dB Audio Attenuator
LM1973 TI1-LM1973_14 Datasheet
1,010Kb / 20P
LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
More results


Similar Description - LM1973

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1971 NSC-LM1971 Datasheet
248Kb / 11P
LM1971 Overture??Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
Pot 2-Channel 78dB Audio Attenuator with Mute
logo
STMicroelectronics
TDA7233 STMICROELECTRONICS-TDA7233 Datasheet
827Kb / 7P
1W AUDIO AMPLIFIER WITH MUTE
Sep-2003
TDA7233S STMICROELECTRONICS-TDA7233S Datasheet
65Kb / 6P
1W AUDIO AMPLIFIER WITH MUTE
May-1997
logo
National Semiconductor ...
LM4733 NSC-LM4733 Datasheet
939Kb / 23P
3 Channel 30W Audio Power Amplifier with Mute
logo
New Japan Radio
NJM2790 NJRC-NJM2790 Datasheet
37Kb / 3P
AUDIO LINE AMPLIFIER with MUTE FUNCTION
logo
STMicroelectronics
TDA7233D013TR STMICROELECTRONICS-TDA7233D013TR Datasheet
371Kb / 8P
1W AUDIO AMPLIFIER WITH MUTE
03-May-2010
logo
Texas Instruments
LM1973 TI1-LM1973_14 Datasheet
1,010Kb / 20P
LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
LM1972 TI1-LM1972_14 Datasheet
1,016Kb / 21P
LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
LM1973 TI1-LM1973_16 Datasheet
1Mb / 21P
3-Channel 76dB Audio Attenuator
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com