Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1973 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1973
Description  關Pot??-Channel 76dB Audio Attenuator with Mute
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1973 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1973 Datasheet HTML 1Page - National Semiconductor (TI) LM1973 Datasheet HTML 2Page - National Semiconductor (TI) LM1973 Datasheet HTML 3Page - National Semiconductor (TI) LM1973 Datasheet HTML 4Page - National Semiconductor (TI) LM1973 Datasheet HTML 5Page - National Semiconductor (TI) LM1973 Datasheet HTML 6Page - National Semiconductor (TI) LM1973 Datasheet HTML 7Page - National Semiconductor (TI) LM1973 Datasheet HTML 8Page - National Semiconductor (TI) LM1973 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM1973
µPot™3-Channel 76dB Audio Attenuator with Mute
General Description
The LM1973 is a digitally controlled 3-channel 76dB audio
attenuator fabricated on a CMOS process. Each channel
has attenuation steps of 0.5dB from 0dB–15.5dB, 1.0dB
steps from 16dB–47dB, and 2.0dB steps from 48dB– 76dB,
with a mute function attenuating 104dB. Its logarithmic at-
tenuation curve can be customized through software to fit
the desired application.
The performance of a µPot™ is demonstrated through its ex-
cellent Signal-to-Noise Ratio, extremely low (THD+N), and
high channel separation. Each µPot contains a mute function
that disconnects the input signal from the output, providing a
minimum attenuation of 96dB. Transitions between any at-
tenuation settings are pop free.
The LM1973’s 3-wire serial digital interface is TTL and
CMOS compatible; receiving data that selects a channel and
the desired attenuation level. The Data-Out pin of the
LM1973 allows multiple µPots to be daisy-chained together,
reducing the number of enable and data lines to be routed
for a given application.
Key Specifications
n Total Harmonic Distortion + Noise:
0.003% (max)
n Frequency response:
100 kHz (−3dB) (min)
n Attenuation range (excluding mute):
76dB (typ)
n Differential attenuation:
±0.25dB (max)
n Signal-to-noise ratio (ref. 4 Vrms):
110dB (min)
n Channel separation:
110dB (typ)
Features
n 3-wire serial interface
n Daisy-chain capability
n 104dB mute attenuation
n Pop and click free attenuation changes
Applications
n Automated studio mixing consoles
n Music reproduction systems
n Sound reinforcement systems
n Electronic music (MIDI)
n Personal computer audio control
Typical Application
Connection Diagram
µPot™ and Overture™ are trademarks of National Semiconductor Corporation.
DS011958-1
FIGURE 1. Typical Audio Attenuator
Application Circuit
Dual-In-Line Plastic or
Surface Mount Package
DS011958-2
Top View
Order Number LM1973M or LM1973N
See NS Package Number M20B or N20A
December 1994
© 1999 National Semiconductor Corporation
DS011958
www.national.com


Similar Part No. - LM1973

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1973 TI1-LM1973 Datasheet
1,010Kb / 20P
LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
LM1973 TI1-LM1973 Datasheet
1Mb / 21P
3-Channel 76dB Audio Attenuator
LM1973M/NOPB TI1-LM1973M/NOPB Datasheet
1Mb / 21P
3-Channel 76dB Audio Attenuator
LM1973MX/NOPB TI1-LM1973MX/NOPB Datasheet
1Mb / 21P
3-Channel 76dB Audio Attenuator
LM1973 TI1-LM1973_14 Datasheet
1,010Kb / 20P
LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
More results

Similar Description - LM1973

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1971 NSC-LM1971 Datasheet
248Kb / 11P
LM1971 Overture??Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
Pot 2-Channel 78dB Audio Attenuator with Mute
logo
STMicroelectronics
TDA7233 STMICROELECTRONICS-TDA7233 Datasheet
827Kb / 7P
1W AUDIO AMPLIFIER WITH MUTE
Sep-2003
TDA7233S STMICROELECTRONICS-TDA7233S Datasheet
65Kb / 6P
1W AUDIO AMPLIFIER WITH MUTE
May-1997
logo
National Semiconductor ...
LM4733 NSC-LM4733 Datasheet
939Kb / 23P
3 Channel 30W Audio Power Amplifier with Mute
logo
New Japan Radio
NJM2790 NJRC-NJM2790 Datasheet
37Kb / 3P
AUDIO LINE AMPLIFIER with MUTE FUNCTION
logo
STMicroelectronics
TDA7233D013TR STMICROELECTRONICS-TDA7233D013TR Datasheet
371Kb / 8P
1W AUDIO AMPLIFIER WITH MUTE
03-May-2010
logo
Texas Instruments
LM1973 TI1-LM1973_14 Datasheet
1,010Kb / 20P
LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
LM1972 TI1-LM1972_14 Datasheet
1,016Kb / 21P
LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
LM1973 TI1-LM1973_16 Datasheet
1Mb / 21P
3-Channel 76dB Audio Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com