Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1973 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1973
Description  關Pot??-Channel 76dB Audio Attenuator with Mute
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1973 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM1973 Datasheet HTML 1Page - National Semiconductor (TI) LM1973 Datasheet HTML 2Page - National Semiconductor (TI) LM1973 Datasheet HTML 3Page - National Semiconductor (TI) LM1973 Datasheet HTML 4Page - National Semiconductor (TI) LM1973 Datasheet HTML 5Page - National Semiconductor (TI) LM1973 Datasheet HTML 6Page - National Semiconductor (TI) LM1973 Datasheet HTML 7Page - National Semiconductor (TI) LM1973 Datasheet HTML 8Page - National Semiconductor (TI) LM1973 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Typical Performance Characteristics
Supply Current vs
Supply Voltage
DS011958-16
Supply Current vs
Temperature
DS011958-17
Noise Floor Spectrum by FFT
Amplitude vs Frequency
DS011958-18
THD vs Freq by FFT
V
DD −VSS = 12V
DS011958-19
THD vs V
OUT at
1 kHz by FFT
V
DD −VSS = 12V
DS011958-20
Crosstalk Test
DS011958-21
THD+Nvs
Frequency and Amplitude
DS011958-22
FFT of 1 kHz THD
DS011958-23
FFT of 20 kHz THD
DS011958-24
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com