Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2651 Datasheet (PDF) - Texas Instruments

LM2651 Datasheet PDF - Texas Instruments
Part # LM2651
Download  LM2651 Download
File Size   545.21 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2651 1.5 A High-Efficiency Synchronous Switching Regulator

LM2651 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2651 Datasheet PDF - Texas Instruments

Part # LM2651
Download  LM2651 Click to download

File Size   545.21 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2651 1.5 A High-Efficiency Synchronous Switching Regulator

LM2651 Datasheet (HTML) - Texas Instruments


LM2651 Product details

1 Features
1• Ultrahigh Efficiency up to 97%
• High-Efficiency Over a 1.5-A to 1.5-mA Load
Range
• 4-V to 14-V Input Voltage Range
• 1.8-V, 2.5-V, 3.3-V, or ADJ Output Voltage
• Internal MOSFET Switch With Low RDS(on) of
75 mΩ
• 300-kHz Fixed Frequency Internal Oscillator
• 7-μA Shutdown Current
• Patented Current Sensing for Current Mode
Control
• Input Undervoltage Lockout
• Adjustable Soft-Start
• Current Limit and Thermal Shutdown
• 16-Pin TSSOP Package

2 Applications
• Personal Digital Assistants (PDAs)
• Computer Peripherals
• Battery-Powered Devices
• Handheld Scanners
• High-Efficiency 5-V Conversion

3 Description
The LM2651 switching regulator provides high-
efficiency power conversion over a 100:1 load range (1.5 A to 15 mA). This feature makes the LM2651 an
ideal fit in battery-powered applications that demand
long battery life in both run and standby modes.
Synchronous rectification is used to achieve up to
97% efficiency. At light loads, the LM2651 enters a
low power hysteretic or sleep mode to maintain high
efficiency. In many applications, the efficiency still
exceeds 80% at 15-mA load. A shutdown pin is
available to disable the LM2651 and reduce the
supply current to less than 10 μA.
The LM2651 contains a patented current sensing
circuitry for current mode control. This feature
eliminates the external current sensing resistor
required by other current-mode DC-DC converters.
The LM2651 has a 300-kHz fixed frequency internal
oscillator. The high oscillator frequency allows the
use of extremely small, low-profile components.
A programmable soft-start feature limits current
surges from the input power supply at start-up and provides a simple means of sequencing multiple
power supplies.
Other protection features include input undervoltage
lockout, current limiting, and thermal shutdown.




Similar Part No. - LM2651

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651 Datasheet
630Kb / 11P
1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2651 TI1-LM2651 Datasheet
966Kb / 20P
1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2651MTC-1.8 NSC-LM2651MTC-1.8 Datasheet
222Kb / 10P
1.5A High Efficiency Synchronous Switching Regulator
LM2651MTC-1.8 NSC-LM2651MTC-1.8 Datasheet
630Kb / 11P
1.5A High Efficiency Synchronous Switching Regulator
More results


Similar Description - LM2651

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
LM2651 1.5A High Efficiency Synchronous Switching Regulator
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
2.5A High Efficiency Synchronous Switching Regulator
LM2651 TI1-LM2651_16 Datasheet
887Kb / 23P
1.5 A High-Efficiency Synchronous Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com