Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2755 Datasheet (PDF) - Texas Instruments

LM2755 Datasheet PDF - Texas Instruments
Part # LM2755
Download  LM2755 Download
File Size   576.09 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2755 Charge Pump LED Controller with I2C-Compatible Interface in DSBGA Package

LM2755 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2755 Datasheet PDF - Texas Instruments

Part # LM2755
Download  LM2755 Click to download

File Size   576.09 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2755 Charge Pump LED Controller with I2C-Compatible Interface in DSBGA Package

LM2755 Datasheet (HTML) - Texas Instruments


LM2755 Product details

1FEATURES
2• 90% Peak Efficiency
• Total solution size < 13mm2
• No Inductor Required: Only 4 Inexpensive
Ceramic Caps
• 3 Independently Controlled Constant Current
Outputs
• Programmable Trapezoidal Dimming
Waveform on Each Output
• Programmable Timing Control Via Internal
Registers and External Clock Synchronization
Input
• 32 Exponential Dimming Steps with 800:1
Dimming Ratio
• Programmable Brightness Control via I2C-
Compatible Interface
• Hardware Enable Pin
• Wide Input Voltage Range: 2.7V to 5.5V
• Tiny 18-bump Thin DSBGA : 1.8mm x 1.6mm x
0.6mm.

APPLICATIONS
• Indicator LEDs
• Keypad LED Backlight
• Display LED Backlight
• Fun-light LEDs

DESCRIPTION
The LM2755 is a charge-pump-based, constant
current LED driver capable of driving 3 LEDs with a
total output current up to 90mA. The diode current
waveforms of each LED can be trapezoidal with
timing and level parameters (rise time, fall time, high
level, low level, delay, high time, low time)
programmed via an I2C-compatible interface. The 32
brightness levels found on the LM2755 are
exponentially spaced (as opposed to linearly spaced)
to better match the response of the human eye to
changing brightness levels.
The device requires only four small and low-cost
ceramic capacitors. The LM2755 provides excellent
efficiency without the use of an inductor by operating
the charge pump in a gain of 3/2 or in a gain of 1.
Maximum efficiency is achieved over the input
voltage range by actively selecting the proper gain based on the LED forward voltage requirements.
The pre-regulation scheme used by the LM2755 is
optimized to ensure low conducted noise on the
input. An internal soft-start circuitry eliminates high
inrush current at start-up. The LM2755 consumes
3μA (typ.) of supply current in shut-down.
The LM2755 is available in Texas Instruments' tiny
18-bump thin DSBGA package.




Similar Part No. - LM2755

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2755 NSC-LM2755 Datasheet
1Mb / 14P
Charge Pump LED Controller with I2C Compatible Interface in Micro SMD
logo
Texas Instruments
LM2755 TI1-LM2755 Datasheet
1,022Kb / 21P
Charge Pump LED Controller with I2C-Compatible Interface in DSBGA Package
logo
National Semiconductor ...
LM2755TM NSC-LM2755TM Datasheet
1Mb / 14P
Charge Pump LED Controller with I2C Compatible Interface in Micro SMD
logo
Texas Instruments
LM2755TM/NOPB TI1-LM2755TM/NOPB Datasheet
1,022Kb / 21P
Charge Pump LED Controller with I2C-Compatible Interface in DSBGA Package
logo
National Semiconductor ...
LM2755TMX NSC-LM2755TMX Datasheet
1Mb / 14P
Charge Pump LED Controller with I2C Compatible Interface in Micro SMD
More results


Similar Description - LM2755

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60250 TI-TPS60250 Datasheet
527Kb / 24P
HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60251 TI-TPS60251 Datasheet
644Kb / 28P
HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
logo
National Semiconductor ...
LM2755 NSC-LM2755 Datasheet
1Mb / 14P
Charge Pump LED Controller with I2C Compatible Interface in Micro SMD
logo
Semtech Corporation
SC621A SEMTECH-SC621A Datasheet
314Kb / 24P
Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
White LED Driver with I2C Compatible Interface
logo
Texas Instruments
TPS60250 TI-TPS60250_08 Datasheet
890Kb / 25P
HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
logo
Analog Devices
ADP8860 AD-ADP8860 Datasheet
997Kb / 52P
Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
logo
Texas Instruments
LM2755 TI1-LM2755 Datasheet
1,022Kb / 21P
Charge Pump LED Controller with I2C-Compatible Interface in DSBGA Package
TPS60250 TI1-TPS60250_14 Datasheet
893Kb / 26P
HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com