Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2795 Datasheet (PDF) - Texas Instruments

LM2795 Datasheet PDF - Texas Instruments
Part # LM2795
Download  LM2795 Download
File Size   692.48 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control

LM2795 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2795 Datasheet PDF - Texas Instruments

Part # LM2795
Download  LM2795 Click to download

File Size   692.48 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control

LM2795 Datasheet (HTML) - Texas Instruments


LM2795 Product details

1FEATURES
2• Regulated Current Sources with ±0.5%
Matching between any Two Outputs
• High Efficiency 3/2 Boost Function
• Drives One, Two, Three or four White LEDs
• 2.7V to 5.5V Input Voltage
• Up to 80mA Output Current
• Analog Brightness Control
• Active-Low or High Shutdown Input ('94/95)
• Very Small Solution Size and no Inductor
• 2.3μA (typ.) Shutdown Current
• 325kHz Switching Frequency (min.)
• Constant Frequency Generates Predictable
Noise Spectrum
• Thin DSBGA Package: 2.08mm X 2.403mm X
0.600mm High

APPLICATIONS
• White LED Display Backlights
• White LED Keypad Backlights
• 1-Cell Li-Ion Battery-Operated Equipment
Including PDAs, Hand-Held PCs, Cellular
Phones

DESCRIPTION
The LM2794/95 is a fractional CMOS charge-pump
that provides four regulated current sources. It
accepts an input voltage range from 2.7V to 5.5V and
maintains a constant current determined by an
external sense resistor.
The LM2794/5 delivers up to 80mA of load current to
accommodate four White LEDs. The switching frequency is 325kHz. (min.) to keep the conducted
noise spectrum away from sensitive frequencies
within portable RF devices.




Similar Part No. - LM2795

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2795 TI1-LM2795 Datasheet
1Mb / 21P
Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2795 TI1-LM2795 Datasheet
1Mb / 24P
LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27951 TI1-LM27951 Datasheet
873Kb / 20P
White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
LM27951 TI2-LM27951 Datasheet
928Kb / 19P
LM27951 White LED Adaptive 1.5×/1× Switched-Capacitor Current Driver
REVISED FEBRUARY 2016
More results


Similar Description - LM2795

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2794 NSC-LM2794 Datasheet
487Kb / 16P
Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
TPS60231 TI-TPS60231 Datasheet
409Kb / 16P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
LM2794 TI1-LM2794_14 Datasheet
1Mb / 21P
Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2794 TI1-LM2794 Datasheet
1Mb / 24P
LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
TPS60230 TI1-TPS60230_14 Datasheet
989Kb / 21P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com