Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM318 Datasheet (PDF) - Texas Instruments

LM318 Datasheet PDF - Texas Instruments
Part # LM318
Download  LM318 Download
File Size   564.93 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS

LM318 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM318 Datasheet PDF - Texas Instruments

Part # LM318
Download  LM318 Click to download

File Size   564.93 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS

LM318 Datasheet (HTML) - Texas Instruments


LM318 Product details

Small Signal Bandwidth . . . 15 MHz Typ
Slew Rate . . . 50 V/μs Min
Bias Current . . . 250 nA Max (LM118,
LM218)
Supply Voltage Range . . . ±5 V to ±20 V
Internal Frequency Compensation
Input and Output Overload Protection
Same Pin Assignments as
General-Purpose Operational Amplifiers

description/ordering information
The LM118, LM218, and LM318 are precision,
fast operational amplifiers designed for
applications requiring wide bandwidth and high
slew rate. They feature a factor-of-ten increase in
speed over general-purpose devices without
sacrificing dc performance.
These operational amplifiers have internal
unity-gain frequency compensation. This
considerably simplifies their application because
no external components are necessary for
operation. However, unlike most internally
compensated amplifiers, external frequency
compensation may be added for optimum
performance. For inverting applications,
feed-forward compensation boosts the slew rate
to over 150 V/μs and almost double the
bandwidth. Overcompensation can be used with
the amplifier for greater stability when maximum
bandwidth is not needed. Further, a single
capacitor can be added to reduce the settling time
for 0.1% error band to under 1 μs.
The high speed and fast settling time of these operational amplifiers make them useful in A/D converters,
oscillators, active filters, sample-and-hold circuits, and general-purpose amplifiers.




Similar Part No. - LM318

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM318 UTC-LM318 Datasheet
252Kb / 6P
HIGH SPEED OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM318 TI-LM318 Datasheet
342Kb / 11P
FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Linear Technology
LM318 LINER-LM318 Datasheet
507Kb / 8P
High Speed Operational Amplifier
logo
Texas Instruments
LM318 TI1-LM318 Datasheet
753Kb / 16P
FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM318-D08-T UTC-LM318-D08-T Datasheet
252Kb / 6P
HIGH SPEED OPERATIONAL AMPLIFIER
More results


Similar Description - LM318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741 Datasheet
423Kb / 19P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
LM118 TI-LM118_07 Datasheet
342Kb / 11P
FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI1-UA741 Datasheet
1Mb / 28P
General-Purpose Operational Amplifiers
LM118 TI1-LM118_16 Datasheet
753Kb / 16P
FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
General Purpose Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com