Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM318 Datasheet (PDF) - Unisonic Technologies

LM318 Datasheet PDF - Unisonic Technologies
Part # LM318
Download  LM318 Download
File Size   252.28 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH SPEED OPERATIONAL AMPLIFIER

LM318 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM318 Datasheet PDF - Unisonic Technologies

Part # LM318
Download  LM318 Click to download

File Size   252.28 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH SPEED OPERATIONAL AMPLIFIER

LM318 Datasheet (HTML) - Unisonic Technologies


LM318 Product details

■ DESCRIPTION

The UTC LM318 is a precision, high speed, high gain operational amplifier that has been specifically designed for use in high slew rate and wide bandwidth applications. Unlike many wideband amplifiers, the UTC LM318 is unity-gain stable since it has internal circuitry for frequency compensation. However, external components may be added for compensation to achieve optimum performance.

When used in inverting applications, feed-forward compensation can be used to achieve slew rate in excess of 150V/µs and almost double the bandwidth. For greater stability, using overcompensation with the amplifier is possible if maximum bandwidth is not needed. In general, by adding a single capacitor can reduce the settling time for 0.1% error band to under 1µs.

The typical applications of UTC LM318 include A/D converters, fast integrator, oscillators, active filters, sample and hold circuits, or general purpose amplifiers.



■ FEATURES

* Unit gain stable (internal frequency compensation)

* 4mV typical input offset voltage

* 30nA typical input offset current

* Input bias current of 250nA (maximum)

* 15MHz bandwidth (small signal)

* 50V/μs slew rate (guarantee)

* Operates voltages of ±5V to ±20V

* Overload protection for Input and output

* Same pin assignment as general-purpose op amps



 




Similar Part No. - LM318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM318 TI-LM318 Datasheet
342Kb / 11P
FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Linear Technology
LM318 LINER-LM318 Datasheet
507Kb / 8P
High Speed Operational Amplifier
logo
Texas Instruments
LM318 TI1-LM318 Datasheet
753Kb / 16P
FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
LM318 TI2-LM318 Datasheet
564Kb / 16P
FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
REVISED DECEMBER 2002
LM318-N TI-LM318-N Datasheet
1Mb / 25P
LM118-N/lm218-N/LM318-N Operational Amplifiers
More results


Similar Description - LM318

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
High Speed Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
High Speed Operational Amplifier
logo
Linear Technology
LM318S8 LINER-LM318S8 Datasheet
100Kb / 2P
High Speed Operational Amplifier
LT118A LINER-LT118A Datasheet
499Kb / 8P
High Speed Operational Amplifier
logo
National Semiconductor ...
LH4161A NSC-LH4161A Datasheet
198Kb / 6P
High Speed Operational Amplifier
logo
Linear Technology
LM118J8 LINER-LM118J8 Datasheet
507Kb / 8P
High Speed Operational Amplifier
logo
Analog Devices
AD505 AD-AD505_15 Datasheet
1Mb / 6P
HIGH SPEED OPERATIONAL AMPLIFIER
logo
Linear Technology
LM318S8 LINER-LM318S8_15 Datasheet
112Kb / 2P
HIGH SPEED OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM6162 NSC-LM6162 Datasheet
219Kb / 12P
High Speed Operational Amplifier
September 1995
logo
Anaren Microwave
MSK0024 ANAREN-MSK0024 Datasheet
221Kb / 5P
HIGH SPEED OPERATIONAL AMPLIFIER
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com