Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM392-N Datasheet (PDF) - Texas Instruments

LM392-N Datasheet PDF - Texas Instruments
Part # LM392-N
Download  LM392-N Download
File Size   570.91 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description lm392-N Low Power Operational Amplifier/Voltage Comparator

LM392-N Datasheet (PDF)

Go To PDF Page Download Datasheet
LM392-N Datasheet PDF - Texas Instruments

Part # LM392-N
Download  LM392-N Click to download

File Size   570.91 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description lm392-N Low Power Operational Amplifier/Voltage Comparator

LM392-N Datasheet (HTML) - Texas Instruments


LM392-N Product details

1FEATURES
2• Wide Power Supply Voltage Range
– Single Supply: 3V to 32V
– Dual Supply: ±1.5V to ±16V
• Low Supply Current Drain—Essentially
Independent of Supply Voltage: 600 μA
• Low Input Biasing Current: 50 nA
• Low Input Offset Voltage: 2 mV
• Low Input Offset Current: 5 nA
• Input Common-Mode Voltage Range Includes
Ground
• Differential Input Voltage Range Equal to the
Power Supply Voltage
• ADDITIONAL OP AMP FEATURES
– Internally Frequency Compensated for
Unity Gain
– Large DC Voltage Gain: 100 dB
– Wide Bandwidth (Unity Gain): 1 MHz
– Large Output Voltage Swing: 0V to V+ −
1.5V
• ADDITIONAL COMPARATOR FEATURES
– Low Output Saturation Voltage: 250 mV at 4
mA
– Output Voltage Compatible with all Types
of Logic Systems

ADVANTAGES
• Eliminates Need for Dual Power Supplies
• An Internally Compensated Op Amp and a
Precision Comparator in the Same Package
• Allows Sensing at or Near Ground
• Power Drain Suitable for Battery Operation
• Pin-Out is the Same as Both the LM358 Dual
Op Amp and the LM393 Dual Comparator

DESCRIPTION
The lm392-N series consists of 2 independent
building block circuits. One is a high gain, internally
frequency compensated operational amplifier, and the
other is a precision voltage comparator. Both the
operational amplifier and the voltage comparator
have been specifically designed to operate from a
single power supply over a wide range of voltages.
Both circuits have input stages which will common-
mode input down to ground when operating from a
single power supply. Operation from split power
supplies is also possible and the low power supply current is independent of the magnitude of the supply
voltage.
Application areas include transducer amplifier with
pulse shaper, DC gain block with level detector, VCO,
as well as all conventional operational amplifier or
voltage comparator circuits. Both circuits can be
operated directly from the standard 5 VDC power
supply voltage used in digital systems, and the output of the comparator will interface directly with either
TTL or CMOS logic. In addition, the low power drain
makes the lm392-N extremely useful in the design of
portable equipment.




Similar Part No. - LM392-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM392-N TI1-LM392-N Datasheet
148Kb / 8P
LM392 Low Power Operational Amplifier/Voltage Comparator
LM392-N TI1-LM392-N Datasheet
865Kb / 14P
lm392-N Low Power Operational Amplifier/Voltage Comparator
LM392-N TI1-LM392-N Datasheet
866Kb / 14P
Low Power Operational Amplifier/Voltage Comparator
LM392-N TI1-LM392-N_16 Datasheet
866Kb / 14P
Low Power Operational Amplifier/Voltage Comparator
More results


Similar Description - LM392-N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM392 NSC-LM392 Datasheet
98Kb / 6P
Low Power Operational Amplifier/Voltage Comparator
logo
ON Semiconductor
MC3405 ONSEMI-MC3405 Datasheet
182Kb / 12P
DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
REV 1
logo
NXP Semiconductors
SA58603 PHILIPS-SA58603 Datasheet
137Kb / 15P
High precision operational amplifier, comparator, and voltage reference
2002 Nov 13
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
LM392 TI-LM392 Datasheet
286Kb / 10P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
logo
ON Semiconductor
LM392 ONSEMI-LM392 Datasheet
127Kb / 5P
Low Power Operational Amplifier and Comparator
September, 2009 ??Rev. 4
logo
Texas Instruments
LM392-N TI1-LM392-N Datasheet
148Kb / 8P
LM392 Low Power Operational Amplifier/Voltage Comparator
LM392MX TI1-LM392MX Datasheet
865Kb / 14P
lm392-N Low Power Operational Amplifier/Voltage Comparator
LM392 TI1-LM392_14 Datasheet
897Kb / 14P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
LM392-N TI1-LM392-N_16 Datasheet
866Kb / 14P
Low Power Operational Amplifier/Voltage Comparator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com