Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM392 Datasheet (PDF) - ON Semiconductor

LM392 Datasheet PDF - ON Semiconductor
Part # LM392
Download  LM392 Download
File Size   127.29 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Power Operational Amplifier and Comparator

LM392 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM392 Datasheet PDF - ON Semiconductor

Part # LM392
Download  LM392 Click to download

File Size   127.29 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Power Operational Amplifier and Comparator

LM392 Datasheet (HTML) - ON Semiconductor


LM392 Product details

Low Power Operational Amplifier and Comparator

The LM392 contains two functions: an op amp and a comparator. Both devices can operate on single−supply power and both have a common−mode range down to ground. Operation from split power supplies is also possible. Low power−supply current is independent of the supply voltage level. The output of the comparator interfaces directly with either TTL or CMOS logic. Low quiescent current makes the LM392 ideal for portable equipment.

Features
• Wide Power−Supply Range: 3 V to 32 V
• Low Input Offset Voltage: 2 mV
• Low Quiescent Current: 600 A
• Input CMV Range includes GND
• Op Amp is Unity Gain Stable
• These Devices are Pb−Free and are RoHS Compliant

Typical Applications
• Level Detectors
• Voltage Controlled Oscillators
• Transducer Amplifiers




Similar Part No. - LM392

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM392 NSC-LM392 Datasheet
98Kb / 6P
Low Power Operational Amplifier/Voltage Comparator
logo
Texas Instruments
LM392 TI-LM392 Datasheet
286Kb / 10P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
LM392 TI1-LM392 Datasheet
897Kb / 14P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
logo
SYC Electronica
LM392 SYC-LM392 Datasheet
141Kb / 5P
Low Power Operational Amplifier/Voltage Comparator
logo
Texas Instruments
LM392 TI2-LM392 Datasheet
632Kb / 18P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
JANUARY 2006
More results


Similar Description - LM392

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM392 NSC-LM392 Datasheet
98Kb / 6P
Low Power Operational Amplifier/Voltage Comparator
logo
STMicroelectronics
TSM100 STMICROELECTRONICS-TSM100 Datasheet
55Kb / 5P
SINGLE OPERATIONAL AMPLIFIER AND SINGLE COMPARATOR
Jul-2001
logo
NXP Semiconductors
SA58603 PHILIPS-SA58603 Datasheet
137Kb / 15P
High precision operational amplifier, comparator, and voltage reference
2002 Nov 13
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
LM392 TI-LM392 Datasheet
286Kb / 10P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
LM392-N TI1-LM392-N Datasheet
148Kb / 8P
LM392 Low Power Operational Amplifier/Voltage Comparator
LM392MX TI1-LM392MX Datasheet
865Kb / 14P
lm392-N Low Power Operational Amplifier/Voltage Comparator
LM392 TI1-LM392_14 Datasheet
897Kb / 14P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
LM392-N TI1-LM392-N_16 Datasheet
866Kb / 14P
Low Power Operational Amplifier/Voltage Comparator
logo
Unisonic Technologies
UM602A UTC-UM602A_17 Datasheet
166Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com