Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM100 Datasheet (PDF) - STMicroelectronics

TSM100 Datasheet PDF - STMicroelectronics
Part # TSM100
Download  TSM100 Download
File Size   55.96 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE OPERATIONAL AMPLIFIER AND SINGLE COMPARATOR

TSM100 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM100 Datasheet PDF - STMicroelectronics

Part # TSM100
Download  TSM100 Click to download

File Size   55.96 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE OPERATIONAL AMPLIFIER AND SINGLE COMPARATOR

TSM100 Datasheet (HTML) - STMicroelectronics


TSM100 Product details

DESCRIPTION
The TSM100 is a monolithic IC that includes one independent op-amp and one independent comparator. This device is offering space and cost saving in many applications like power supply management or data acquisition systems.
   
OPERATIONAL AMPLIFIER
■ LOW INPUT OFFSET VOLTAGE : 0.5mV typ.
■ MEDIUM BANDWIDTH (unity gain) : 0.9MHz
■ LARGE OUTPUT VOLTAGE SWING : 0V to
    (VCC - 1.5V)
■ INPUT COMMON MODE VOLTAGE RANGE
    INCLUDES GROUND
■ WIDE POWER SUPPLY RANGE : 5 to 30V
    ±2.5 TO ±15V
■ ESD PROTECTION : 2kV
   
COMPARATOR (OPEN COLLECTOR)
■ INPUT COMMON MODE VOLTAGE RANGE
    INCLUDES GROUND
■ LOW OUTPUT SATURATION VOLTAGE :
    250mV @ Io = 4mA
   




Similar Part No. - TSM100

ManufacturerPart #DatasheetDescription
logo
StarHope
TSM100 SPSEMI-TSM100 Datasheet
826Kb / 2P
Surface Mount Devices
logo
Taiwan Semiconductor Co...
TSM100N06 TSC-TSM100N06 Datasheet
611Kb / 6P
60V N-Channel Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
TSM100N06CZ DOINGTER-TSM100N06CZ Datasheet
974Kb / 4P
N-Channel MOSFET uses advanced trench technology
logo
Taiwan Semiconductor Co...
TSM100N06CZC0 TSC-TSM100N06CZC0 Datasheet
611Kb / 6P
60V N-Channel Power MOSFET
More results


Similar Description - TSM100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
SINGLE OPERATIONAL AMPLIFIER
Oct-1995
logo
Toshiba Semiconductor
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
SINGLE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
Single Operational Amplifier
logo
National Semiconductor ...
MRLM101AX-R-H NSC-MRLM101AX-R-H Datasheet
226Kb / 15P
SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
Single Operational Amplifier
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LM392 ONSEMI-LM392 Datasheet
127Kb / 5P
Low Power Operational Amplifier and Comparator
September, 2009 ??Rev. 4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com