Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM100 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSM100
Description  SINGLE OPERATIONAL AMPLIFIER AND SINGLE COMPARATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM100 Datasheet(HTML) 4 Page - STMicroelectronics

  TSM100 Datasheet HTML 1Page - STMicroelectronics TSM100 Datasheet HTML 2Page - STMicroelectronics TSM100 Datasheet HTML 3Page - STMicroelectronics TSM100 Datasheet HTML 4Page - STMicroelectronics TSM100 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TSM100
4/5
COMPARATOR
V
CC
+ = +5V, V
CC = Ground,Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage
Tamb = 25°C
15
mV
Iio
Input Offset Current
5
50
nA
Iib
Input Bias Current
25
250
nA
Avd
Large Signal Voltage Gain
VCC = 15V, RL = 15k, Vo = 1V to 11V
200
V/mV
Vicm
Input Common Mode Voltage Range 1)
1. The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of
the common-mode voltage range is VCC
+ - 1.5V.
But either of both inputs can go to 36V without damage.
0(VCC+) -1.5
V
Isink
Output Sink Current
Vid = -1V, Vo = 1.5V
616
mA
VOL
Low Level Output Voltage
Vid = -1V, Isink = 4mA
250
400
mV
IOH
High Level Output Current
Vid = 1V, Vcc = Vo = 30V
0.1
nA
tre
Response Time
RL = 5.1k to VCC+
2)
2. The response time is specified for a 100mV input step with 5mV overdrive. For larger overdrive signals, 300ns can be obtained
1.3
µs
trel
Large Signal Response Time
Vi = TTL, Vref = +1.4V, RL = 5.1k to VCC+
300
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com