Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM100
Description  SINGLE OPERATIONAL AMPLIFIER AND SINGLE COMPARATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM100 Datasheet(HTML) 1 Page - STMicroelectronics

  TSM100 Datasheet HTML 1Page - STMicroelectronics TSM100 Datasheet HTML 2Page - STMicroelectronics TSM100 Datasheet HTML 3Page - STMicroelectronics TSM100 Datasheet HTML 4Page - STMicroelectronics TSM100 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
OPERATIONAL AMPLIFIER
s LOW INPUT OFFSET VOLTAGE : 0.5mV typ.
s MEDIUM BANDWIDTH (unity gain) : 0.9MHz
s LARGE OUTPUT VOLTAGE SWING : 0V to
(V
CC - 1.5V)
s INPUT COMMON MODE VOLTAGE RANGE
INCLUDES GROUND
s WIDE POWER SUPPLY RANGE : 5 to 30V
±2.5 TO ±15V
s ESD PROTECTION : 2kV
COMPARATOR (OPEN COLLECTOR)
s INPUT COMMON MODE VOLTAGE RANGE
INCLUDES GROUND
s LOW OUTPUT SATURATION VOLTAGE :
250mV @ I
o = 4mA
DESCRIPTION
The TSM100 is a monolithic IC that includes one
independent op-amp and one independent com-
parator. This device is offering space and cost
saving in many applications like power supply
management or data acquisition systems.
ORDER CODE
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature
Range
Package
D
TSM100I
-40°C, +105°C
•
D
SO8
(Plastic Micropackage)
Amp Output : 1
Amp Input - : 2
Amp Input + : 3
Ground : 4
5 : Comp Input +
6 : Comp Input -
7 : Comp Output
8 : Vcc
TSM100
SINGLE OPERATIONAL AMPLIFIER AND
SINGLE COMPARATOR
July 2001


Similar Part No. - TSM100

ManufacturerPart #DatasheetDescription
logo
StarHope
TSM100 SPSEMI-TSM100 Datasheet
826Kb / 2P
Surface Mount Devices
logo
Taiwan Semiconductor Co...
TSM100N06 TSC-TSM100N06 Datasheet
611Kb / 6P
60V N-Channel Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
TSM100N06CZ DOINGTER-TSM100N06CZ Datasheet
974Kb / 4P
N-Channel MOSFET uses advanced trench technology
logo
Taiwan Semiconductor Co...
TSM100N06CZC0 TSC-TSM100N06CZC0 Datasheet
611Kb / 6P
60V N-Channel Power MOSFET
More results

Similar Description - TSM100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
SINGLE OPERATIONAL AMPLIFIER
Oct-1995
logo
Toshiba Semiconductor
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
SINGLE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
Single Operational Amplifier
logo
National Semiconductor ...
MRLM101AX-R-H NSC-MRLM101AX-R-H Datasheet
226Kb / 15P
SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
Single Operational Amplifier
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LM392 ONSEMI-LM392 Datasheet
127Kb / 5P
Low Power Operational Amplifier and Comparator
September, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com