Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM392 Datasheet (PDF) - Texas Instruments

LM392 Datasheet PDF - Texas Instruments
Part # LM392
Download  LM392 Download
File Size   632.44 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR

LM392 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM392 Datasheet PDF - Texas Instruments

Part # LM392
Download  LM392 Click to download

File Size   632.44 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR

LM392 Datasheet (HTML) - Texas Instruments


LM392 Product details

FEATURES
· Wide Power-Supply Voltage Range
– Single Supply: 3 V to 32 V
– Dual Supply: ±1.5 V to ±16 V
· Low Supply-Current Drain Essentially
Independent of Supply Voltage: 600 mA
· Low Input Biasing Current: 50 nA
· Low Input Offset Voltage: 2 mV
· Low Input Offset Current: 5 nA
· Input Common-Mode Voltage Range Includes
Ground
· Differential Input Voltage Range Equals
Power-Supply Voltage
· Additional Operational Amplifier Features
– Internally Frequency Compensated for
Unity Gain
– Large DC Voltage Gain: 100 dB
– Wide Bandwidth (Unity Gain): 1 MHz
– Large Output Voltage Swing:
0 V to V+ – 1.5 V
· Additional Comparator Features
– Low Output Saturation Voltage:
250 mV at 4 mA
– Output Voltage Compatible With All Types
of Logic Systems

ADVANTAGES
· Eliminates Need for Dual Power Supplies
· An Internally Compensated Operational
Amplifier and a Precision Comparator in the
Same Package
· Allows Sensing at or Near Ground
xxx

DESCRIPTION/ORDERING INFORMATION
The LM392 consists of two independent building-block circuits. One is a high-gain
internally-frequency-compensated operational amplifier, and the other is a precision voltage comparator. Both the
operational amplifier and the voltage comparator are designed to operate from a single power supply over a wide
range of voltages. Both circuits have input stages that force the common-mode input down to ground when
operating from a single power supply. Operation from split power supplies also is possible, and the low
power-supply current is independent of the magnitude of the supply voltage.
Applications include transducer amplifiers with pulse shapers, DC gain blocks with level detectors, and VCOs, as
well as all conventional operational amplifier or voltage-comparator circuits. The LM392 can be operated directly
from the standard 5-V power-supply voltage used in digital systems, and the output of the comparator interfaces
directly with either TTL or CMOS logic. In addition, the low-power drain makes the LM392 extremely useful in the
design of portable equipment.




Similar Part No. - LM392

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM392 NSC-LM392 Datasheet
98Kb / 6P
Low Power Operational Amplifier/Voltage Comparator
logo
Texas Instruments
LM392 TI-LM392 Datasheet
286Kb / 10P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
logo
ON Semiconductor
LM392 ONSEMI-LM392 Datasheet
127Kb / 5P
Low Power Operational Amplifier and Comparator
September, 2009 ??Rev. 4
logo
Texas Instruments
LM392 TI1-LM392 Datasheet
897Kb / 14P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
logo
SYC Electronica
LM392 SYC-LM392 Datasheet
141Kb / 5P
Low Power Operational Amplifier/Voltage Comparator
More results


Similar Description - LM392

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM392 NSC-LM392 Datasheet
98Kb / 6P
Low Power Operational Amplifier/Voltage Comparator
logo
NXP Semiconductors
SA58603 PHILIPS-SA58603 Datasheet
137Kb / 15P
High precision operational amplifier, comparator, and voltage reference
2002 Nov 13
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
LM392 TI-LM392 Datasheet
286Kb / 10P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
logo
ON Semiconductor
LM392 ONSEMI-LM392 Datasheet
127Kb / 5P
Low Power Operational Amplifier and Comparator
September, 2009 ??Rev. 4
logo
Texas Instruments
LM392-N TI1-LM392-N Datasheet
148Kb / 8P
LM392 Low Power Operational Amplifier/Voltage Comparator
LM392MX TI1-LM392MX Datasheet
865Kb / 14P
lm392-N Low Power Operational Amplifier/Voltage Comparator
LM392 TI1-LM392_14 Datasheet
897Kb / 14P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
LM392-N TI1-LM392-N_16 Datasheet
866Kb / 14P
Low Power Operational Amplifier/Voltage Comparator
logo
Unisonic Technologies
UM602A UTC-UM602A_17 Datasheet
166Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com