Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC240 Datasheet (PDF) - STMicroelectronics

74AC240 Datasheet PDF - STMicroelectronics
Part # 74AC240
Download  74AC240 Download
File Size   79.86 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED

74AC240 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AC240 Datasheet PDF - STMicroelectronics

Part # 74AC240
Download  74AC240 Click to download

File Size   79.86 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED

74AC240 Datasheet (HTML) - STMicroelectronics


74AC240 Product details

DESCRIPTION
The 74AC240 is an advanced high-speed CMOS OCTAL BUS BUFFER (3-STATE) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS tecnology.

■ HIGH SPEED: tPD = 4.2ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
   ICC = 4µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY:
   VNIH = VNIL = 28 % VCC (MIN.)
■ 50Ω TRANSMISSION LINE DRIVING
   CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 24mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
   VCC (OPR) = 2V to 6V
■ PIN AND FUNCTION COMPATIBLE WITH
   74 SERIES 240
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74AC240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC240 FAIRCHILD-74AC240 Datasheet
88Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
74AC240 FAIRCHILD-74AC240 Datasheet
502Kb / 11P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74AC240 ONSEMI-74AC240 Datasheet
108Kb / 10P
Octal Buffer/Line Driver with 3?뭆tate Outputs
November, 2006 ??Rev. 8
logo
STMicroelectronics
74AC240 STMICROELECTRONICS-74AC240 Datasheet
204Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Apr-2001
logo
Fairchild Semiconductor
74AC240 FAIRCHILD-74AC240 Datasheet
340Kb / 11P
Octal Buffer/Line Driver with 3-STATE Outputs
More results


Similar Description - 74AC240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT240 STMICROELECTRONICS-74ACT240 Datasheet
78Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
Apr-1997
74VHC240 STMICROELECTRONICS-74VHC240 Datasheet
65Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
Jun-1999
74VHCT240A STMICROELECTRONICS-74VHCT240A Datasheet
63Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
Aug-1999
74AC240 STMICROELECTRONICS-74AC240_01 Datasheet
204Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Apr-2001
74ACT240 STMICROELECTRONICS-74ACT240_01 Datasheet
203Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Apr-2001
M74HCT240 STMICROELECTRONICS-M74HCT240 Datasheet
198Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Aug-2001
74VHC240 STMICROELECTRONICS-74VHC240_04 Datasheet
261Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
12-Nov-2004
74VHCT240A STMICROELECTRONICS-74VHCT240A_04 Datasheet
244Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
16-Dec-2004
M74HC240 STMICROELECTRONICS-M74HC240 Datasheet
205Kb / 10P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Jul-2001
M74HC540 STMICROELECTRONICS-M74HC540 Datasheet
253Kb / 10P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Aug-2001
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com