Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC540 Datasheet (PDF) - STMicroelectronics

M74HC540 Datasheet PDF - STMicroelectronics
Part # M74HC540
Download  M74HC540 Download
File Size   253.11 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)

M74HC540 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC540 Datasheet PDF - STMicroelectronics

Part # M74HC540
Download  M74HC540 Click to download

File Size   253.11 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)

M74HC540 Datasheet (HTML) - STMicroelectronics


M74HC540 Product details

DESCRIPTION
The M54/74HC540 and HC541 are high speed CMOS OCTAL BUS BUFFERS (3-STATE) fabricated in silicon gate C2MOS technology■

■ HIGH SPEED
   tPD = 10 ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION
   ICC = 4 µA (MAX.) at TA = 25 °C
■ HIGH NOISE IMMUNITY
   VNIH = VINL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY
   15 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
   |IOH| = IOL = 6 mA (MIN)
■ BALANCED PROPAGATION DELAYS
   tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE
   VCC (OPR) = 2V to 6V
■ PIN AND FUNCTION COMPATIBLE
   WITH 54/74LS540/541




Similar Part No. - M74HC540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC540 STMICROELECTRONICS-M74HC540 Datasheet
266Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC540: INVERTED - HC541 NON INVERTED
Oct-1993
M74HC540B1R STMICROELECTRONICS-M74HC540B1R Datasheet
266Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC540: INVERTED - HC541 NON INVERTED
Oct-1993
M74HC540C1R STMICROELECTRONICS-M74HC540C1R Datasheet
266Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC540: INVERTED - HC541 NON INVERTED
Oct-1993
M74HC540F1R STMICROELECTRONICS-M74HC540F1R Datasheet
266Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC540: INVERTED - HC541 NON INVERTED
Oct-1993
M74HC540M1R STMICROELECTRONICS-M74HC540M1R Datasheet
266Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC540: INVERTED - HC541 NON INVERTED
Oct-1993
More results


Similar Description - M74HC540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC240 STMICROELECTRONICS-74AC240 Datasheet
79Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
Apr-1997
74ACT240 STMICROELECTRONICS-74ACT240 Datasheet
78Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
Apr-1997
74VHC240 STMICROELECTRONICS-74VHC240 Datasheet
65Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
Jun-1999
74VHCT240A STMICROELECTRONICS-74VHCT240A Datasheet
63Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
Aug-1999
74AC240 STMICROELECTRONICS-74AC240_01 Datasheet
204Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Apr-2001
74ACT240 STMICROELECTRONICS-74ACT240_01 Datasheet
203Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Apr-2001
M74HCT240 STMICROELECTRONICS-M74HCT240 Datasheet
198Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Aug-2001
74VHC240 STMICROELECTRONICS-74VHC240_04 Datasheet
261Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
12-Nov-2004
74VHCT240A STMICROELECTRONICS-74VHCT240A_04 Datasheet
244Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
16-Dec-2004
M74HC240 STMICROELECTRONICS-M74HC240 Datasheet
205Kb / 10P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Jul-2001
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com