Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM10502 Datasheet (PDF) - Texas Instruments

LM10502 Datasheet PDF - Texas Instruments
Part # LM10502
Download  LM10502 Download
File Size   484.35 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM10502 Dual Buck LDO Power Management Unit

LM10502 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM10502 Datasheet PDF - Texas Instruments

Part # LM10502
Download  LM10502 Click to download

File Size   484.35 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM10502 Dual Buck LDO Power Management Unit

LM10502 Datasheet (HTML) - Texas Instruments


LM10502 Product details

1FEATURES
2• Two Highly Efficient Programmable Buck
Regulators
– Integrated FETs with Low RDSON
– Bucks Operate with Their Phases Shifted to
Reduce the Input Current Ripple and
Capacitor Size
– Programmable Output Voltage via the SPI
interface
– Overvoltage and Undervoltage Lockout
– Automatic Internal Soft Start with Power-on
Reset
– Current Overload and Thermal Shutdown
Protection
– PFM Mode for Low-Load, High-Efficiency
Operation
• Low-Dropout LDO 3.0V, 250 mA
• SPI-Programmable Interrupt Comparator (2.0V
to 4.0V) to Monitor VIN

APPLICATIONS
• Solid-State Drives

KEY SPECIFICATIONS
• LM10502 - Programmable Buck Regulators:
– Buck 1: 1.1V to 3.6V; 1A
– Buck 2: 0.7V to 1.335V; 1A
• ±3% Feedback Voltage Accuracy
• Up to 95% Efficient Buck Regulators
• 2MHz Switching Frequency for Smaller
Inductor Size
• 2.5 x 2.5 mm, 0.5 mm Pitch DSBGA Package

DESCRIPTION
The LM10502 are advanced PMUs each containing
two configurable, high-efficiency buck regulators for
supplying variable voltages. The device is ideal for
supporting ASIC and SOC designs for Solid-State
and Flash drives.
The LM10502 operate cooperatively with the
application ASIC to optimize the supply voltage for
low-power conditions and Power Saving modes via
the SPI interface. It also supports a 250 mA LDO and
a programmable Interrupt Comparator to monitor VIN.




Similar Part No. - LM10502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
Dual Buck LDO Power Management Unit
LM10502TLE/NOPB TI1-LM10502TLE/NOPB Datasheet
932Kb / 35P
Dual Buck LDO Power Management Unit
LM10502TLX/NOPB TI1-LM10502TLX/NOPB Datasheet
932Kb / 35P
Dual Buck LDO Power Management Unit
More results


Similar Description - LM10502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
Triple Buck LDO Power Management Unit
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
LM10524 Triple Buck Power Management Unit
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
Triple Buck LDO Power Management Unit
logo
STMicroelectronics
L7292 STMICROELECTRONICS-L7292 Datasheet
3Mb / 60P
Five buck regulators power management unit
05-Nov-2015
logo
Texas Instruments
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
Dual Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
LM10504 Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
LM10507 Triple Buck LDO Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
LM10524 Triple Buck Power Management Unit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com