Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3658 Datasheet (PDF) - Texas Instruments

LM3658 Datasheet PDF - Texas Instruments
Part # LM3658
Download  LM3658 Download
File Size   501.08 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications

LM3658 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3658 Datasheet PDF - Texas Instruments

Part # LM3658
Download  LM3658 Click to download

File Size   501.08 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications

LM3658 Datasheet (HTML) - Texas Instruments


LM3658 Product details

FEATURES
2• Integrated Power FETs with Thermal
Regulation
• Charges from Either an AC Wall Adapter or
USB Power Source with Automatic Source
Selection
• 50 mA to 1000 mA Charge Currents Using AC
Wall Adapter
• Pin-Selectable USB Charge Currents of 100
mA or 500 mA
• LDO Mode with 1A of Source Current is
Automatically Invoked When the Battery is
Absent and the AC Wall Adapter is Connected
• Continuous Battery Temperature Monitoring
• Built-in Multiple Safety Timers
• Charge Status Indication
• Continuous Over-current and Temperature
Protection
• Near-depleted Battery Pre-conditioning
• Sleep Mode with Ultra Low Quiescent Current
• On-board Kelvin-sensing Achieves ±0.35%
Termination Accuracy
• Maintenance Mode with Automatic Recharge
• Thermally Enhanced 3 mm x 3 mm WSON
Package

APPLICATIONS
• Smartphones
• Digital Still Cameras
• PDAs
• Hard Drive and Flash-based MP3 Players
• USB-powered Devices

DESCRIPTION
The LM3658 is a single chip charger IC designed for
handheld applications. It can safely charge and
maintain a single cell Li-Ion/Polymer battery operating
from an AC wall adapter or USB power source. Input
power source selection of USB/AC is automatic. With
both power sources present, the AC power source
has priority. Charge current is programmed through
an external resistor when operating from an AC wall
adapter allowing charge currents from 50 mA to 1000
mA. When the battery is charged using USB power,
charge currents of 100 mA or 500 mA are pin-
selectable. The termination voltage is controlled to
within ±0.35% of 4.2V.
The LM3658 requires few external components and
integrates internal power FETs, reverse current
protection and current sensing. The internal power
FETs are thermally regulated to obtain the most efficient charging rate for a given ambient
temperature.
The LM3658 operates in five modes: pre-qualification
mode, constant-current mode, constant-voltage
mode, top-off mode and maintenance mode.
Additionally, the charger IC operates as a linear
regulator in “LDO mode”, when the AC wall adapter is
connected and no battery is present. Optimal battery
management is obtained through thermal regulation,
battery temperature measurement and multiple safety
timers. The LM3658 provides two open-drain outputs
for LED status indication or connection to GPIOs.




Similar Part No. - LM3658

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3658 NSC-LM3658 Datasheet
663Kb / 13P
Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
logo
Texas Instruments
LM3658 TI1-LM3658 Datasheet
871Kb / 21P
Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
logo
National Semiconductor ...
LM3658SD NSC-LM3658SD Datasheet
663Kb / 13P
Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
logo
Texas Instruments
LM3658SD TI1-LM3658SD Datasheet
869Kb / 21P
LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SD-A TI1-LM3658SD-A Datasheet
792Kb / 20P
LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
More results


Similar Description - LM3658

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3947 NSC-LP3947 Datasheet
649Kb / 14P
USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
LM3658 NSC-LM3658 Datasheet
663Kb / 13P
Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
logo
STMicroelectronics
STW4102 STMICROELECTRONICS-STW4102 Datasheet
117Kb / 3P
Dual source USB Li-Ion charger with gas gauge
11-Jan-2007
logo
Eutech Microelectronics...
EUP8020X EUTECH-EUP8020X Datasheet
397Kb / 12P
Dual Source AC/USB Li-Ion/Polymer Charger IC for Portable Applications
logo
Richtek Technology Corp...
RT9524 RICHTEK-RT9524 Datasheet
336Kb / 12P
Linear Single Cell Li-Ion Battery Charger IC for Portable Applications
logo
Texas Instruments
LM3658SD-B TI1-LM3658SD-B Datasheet
869Kb / 21P
LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
LM3658SD-A TI1-LM3658SD-A Datasheet
792Kb / 20P
LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658 TI1-LM3658_14 Datasheet
871Kb / 21P
Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
logo
Richtek Technology Corp...
RT9536H RICHTEK-RT9536H Datasheet
211Kb / 15P
Linear Single Cell Li-Ion Battery Charger IC for Portable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com