Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9524 Datasheet (PDF) - Richtek Technology Corporation

RT9524 Datasheet PDF - Richtek Technology Corporation
Part # RT9524
Download  RT9524 Download
File Size   336.32 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Linear Single Cell Li-Ion Battery Charger IC for Portable Applications

RT9524 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9524 Datasheet PDF - Richtek Technology Corporation

Part # RT9524
Download  RT9524 Click to download

File Size   336.32 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Linear Single Cell Li-Ion Battery Charger IC for Portable Applications

RT9524 Datasheet (HTML) - Richtek Technology Corporation


RT9524 Product details

General Description
The RT9524 is a fully integrated single cell Li-ion battery charger IC ideal for portable applications. The RT9524 optimizes the charging task by using a control algorithm including pre-charge mode, fast charge mode and constant voltage mode. the input voltage range of the VIN pin can be as high as 28V. When the input voltage exceeds the OVP threshold, it will turn off the charging MOSFET to avoid overheating of the chip.

Features
• 28V Maximum Rating for DC Adapter
• Internal Integrated Power MOSFETs
• Support 4.2V/2.3A Factory Mode
• 50mA Low Dropout Voltage Regulator
• Status Pin Indicator
• Programmed Charging Current
• Under Voltage Lockout
• Over Voltage Protection
• Thermal Feedback Optimized Charge Rate
• RoHS Compliant and Halogen Free

Applications
• Cellular Phones
• Digital Cameras
• PDAs and Smart Phones
• Protable Instruments




Similar Part No. - RT9524

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
Linear Single Cell Li-Ion Battery Charger with Auto Power Path
RT9525GQW RICHTEK-RT9525GQW Datasheet
431Kb / 15P
Linear Single Cell Li-Ion Battery Charger with Auto Power Path
RT9526 RICHTEK-RT9526 Datasheet
257Kb / 14P
Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
RT9526A RICHTEK-RT9526A Datasheet
148Kb / 10P
Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
RT9526A RICHTEK-RT9526A Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results


Similar Description - RT9524

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
logo
Torex Semiconductor
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802-12 TOREX-XC6802-12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
logo
Richtek Technology Corp...
RT9536H RICHTEK-RT9536H Datasheet
211Kb / 15P
Linear Single Cell Li-Ion Battery Charger IC for Portable
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com