Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4881 Datasheet (PDF) - Texas Instruments

LM4881 Datasheet PDF - Texas Instruments
Part # LM4881
Download  LM4881 Download
File Size   498.72 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4881 Dual 200 mW Headphone Amplifier with Shutdown Mode

LM4881 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4881 Datasheet PDF - Texas Instruments

Part # LM4881
Download  LM4881 Click to download

File Size   498.72 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4881 Dual 200 mW Headphone Amplifier with Shutdown Mode

LM4881 Datasheet (HTML) - Texas Instruments


LM4881 Product details

1FEATURES
23• VSSOP Surface Mount Packaging
• Unity-gain Stable
• External Gain Configuration Capability
• Thermal Shutdown Protection Circuitry
• No Bootstrap Capacitors, or Snubber Circuits
are Necessary

APPLICATIONS
• Headphone Amplifier
• Personal Computers
• Microphone Preamplifier

KEY SPECIFICATIONS
• THD+N at 1kHz at 125mW Continuous Average
Output Power into 8Ω 0.1% (max)
• THD+N at 1kHz at 75mW Continuous
0.02% (typ)
• Output Power at 10% THD+N at 1kHz into 8Ω
300 mW (typ)
• Shutdown Current 0.7μA (typ)
• Supply Voltage Range 2.7V to 5.5 V

DESCRIPTION
The LM4881 is a dual audio power amplifier capable
of delivering 200mW of continuous average power
into an 8Ω load with 0.1% THD+N from a 5V power
supply.
Boomer™ audio power amplifiers were designed
specifically to provide high quality output power with a
minimal amount of external components using
surface mount packaging. Since the LM4881 does
not require bootstrap capacitors or snubber networks,
it is optimally suited for low-power portable systems.
The LM4881 features an externally controlled, low
power consumption shutdown mode which is virtually
clickless and popless, as well as an internal thermal
shutdown protection mechanism.
The unity-gain stable LM4881 can be configured by
external gain-setting resistors.




Similar Part No. - LM4881

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4881 NSC-LM4881 Datasheet
413Kb / 11P
Dual 200 mW Headphone Amplifier with Shutdown Mode
logo
Texas Instruments
LM4881 TI-LM4881 Datasheet
476Kb / 15P
Dual 200 mW Headphone Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4881M NSC-LM4881M Datasheet
413Kb / 11P
Dual 200 mW Headphone Amplifier with Shutdown Mode
logo
Texas Instruments
LM4881M/NOPB TI-LM4881M/NOPB Datasheet
476Kb / 15P
Dual 200 mW Headphone Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4881MM NSC-LM4881MM Datasheet
413Kb / 11P
Dual 200 mW Headphone Amplifier with Shutdown Mode
More results


Similar Description - LM4881

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4809 NSC-LM4809 Datasheet
903Kb / 18P
Dual 105mW Headphone Amplifier with Active-Low Shutdown Mode
LM4810 NSC-LM4810 Datasheet
928Kb / 18P
Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
LM4881 NSC-LM4881 Datasheet
413Kb / 11P
Dual 200 mW Headphone Amplifier with Shutdown Mode
logo
Anachip Corp
AP4809 ANACHIP-AP4809 Datasheet
234Kb / 9P
Stereo Headphone Amplifier With Shutdown Mode
Rev. 1.0 Sep 29, 2004
logo
Lyontek Inc.
LY8601 LYONTEK-LY8601 Datasheet
195Kb / 5P
Dual 0.1W Headphone Amplifier with Active-high shutdown mode
logo
Texas Instruments
LM4809LQX TI1-LM4809LQX Datasheet
1Mb / 30P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI1-LM4809_14 Datasheet
1Mb / 30P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI-LM4809_15 Datasheet
1Mb / 29P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4810 TI-LM4810_15 Datasheet
1Mb / 25P
Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
LM4881 TI-LM4881_15 Datasheet
476Kb / 15P
Dual 200 mW Headphone Amplifier with Shutdown Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com