Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5051MA/NOPB Datasheet (PDF) - Texas Instruments

LM5051MA/NOPB Datasheet PDF - Texas Instruments
Part # LM5051MA/NOPB
Download  LM5051MA/NOPB Download
File Size   538.46 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5051 Low Side OR-ing FET Controller

LM5051MA/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5051MA/NOPB Datasheet PDF - Texas Instruments

Part # LM5051MA/NOPB
Download  LM5051MA/NOPB Click to download

File Size   538.46 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5051 Low Side OR-ing FET Controller

LM5051MA/NOPB Datasheet (HTML) - Texas Instruments


LM5051MA/NOPB Product details

1FEATURES
2• Wide operating input voltage range: -6V to -
100V
• -100V Transient Capability
• Gate drive for external N-Channel MOSFET
• MOSFET diagnostic test mode
• Fast 50ns response to current reversal
• 2A peak gate turn-off current
• Package: 8-Lead SOIC

APPLICATIONS
• Active OR-ing of Redundant (N+1) Power
Supplies

DESCRIPTION
The LM5051 Low Side OR-ing FET Controller
operates in conjunction with an external MOSFET as
an ideal diode rectifier when connected in series with
a power source. This OR-ing controller allows
MOSFETs to replace diode rectifiers in power
distribution networks thus reducing both power loss
and voltage drops.
The LM5051 controller provides gate drive for an
external N-Channel MOSFET and a fast response
comparator to turn off the FET when current flows in
the reverse direction. The LM5051 can connect
power supplies ranging from -6V to -100V and can
withstand transients up to -100V.
The LM5051 also provides a FET test diagnostic
mode which allows the system controller to test for
shorted MOSFETs.




Similar Part No. - LM5051MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5051MA/NOPB TI1-LM5051MA/NOPB Datasheet
831Kb / 23P
Low Side OR-ing FET Controller
More results


Similar Description - LM5051MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5050-1 TI1-LM5050-1 Datasheet
331Kb / 17P
High Side OR-ing FET Controller
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
Low Side OR-ing FET Controller
LM5050MKX-2 TI1-LM5050MKX-2 Datasheet
1,010Kb / 22P
LM5050-2 High Side OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ-TK INTERSIL-ISL6146AFUZ-TK Datasheet
1Mb / 28P
Low Voltage OR-ing FET Controller
April 26, 2013
logo
Texas Instruments
LM5050-1 TI1-LM5050-1_13 Datasheet
1Mb / 21P
High Side OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ INTERSIL-ISL6146AFUZ Datasheet
1Mb / 28P
Low Voltage OR-ing FET Controller
August 17, 2015
logo
Texas Instruments
LM5050-1 TI1-LM5050-1_15 Datasheet
1Mb / 29P
High-Side OR-ing FET Controller
LP5952 TI1-LP5952_15 Datasheet
1Mb / 29P
High-Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
Low Side OR-ing FET Controller
logo
Renesas Technology Corp
ISL6146 RENESAS-ISL6146 Datasheet
1Mb / 28P
Low Voltage OR-ing FET Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com