Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5051MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5051MA/NOPB
Description  LM5051 Low Side OR-ing FET Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5051MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM5051MA/NOPB Datasheet HTML 1Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 2Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 3Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 4Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 5Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 6Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 7Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 8Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LINE
VCC
nFGD
OFF
GATE
INP/VSS
INP/VSS
INN
1
2
3
4
5
6
7
8
PS1
PS2
INN GATE
INP/VSS
INN GATE
INP/VSS
RLOAD
LM5051
LINE
LINE
VCC
D
D
S
S
VCC
LM5051
LM5051
SNVS702D – OCTOBER 2011 – REVISED MARCH 2013
www.ti.com
Figure 2. Typical Redundant Supply Configuration
Connection Diagram
Top View
Device Pin 5 (INP) is internally connected to Device Pin 7 (VSS)
Figure 3. LM5051MA
8-Lead SOIC D Package
PIN DESCRIPTIONS
Pin #
Name
Function
Power supply pin to bias the internal 12V zener shunt regulator at the
1
LINE
VCC pin through an internal 50 k
Ω (typical) series resistor. See the
APPLICATION INFORMATION section.
Connection to the internal 12V zener shunt voltage regulator. Bypass
this pin with minimum 0.1
μF capacitor to the VSS pin. This pin can be
2
VCC
biased via an external resistor rather than via the internal resistor from
the LINE pin (pin 1). See the APPLICATION INFORMATION section.
FET Test Mode control input. Logic low or open state at the OFF pin
will deactivate the FET Test Mode and allow normal operation. A logic
high state at the OFF pin will pull the GATE pin low and turn off the
3
OFF
external MOSFET. If the body diode forward voltage of the MOSFET
(from source to drain) is greater than 260mV the nFGD pin will indicate
that the MOSFET is not shorted by pulling to the active low state.
Open drain output for the FET Test circuit. An active low state on nFGD
indicates that the forward voltage (from source to drain) of the external
4
nFGD
MOSFET is greater than 260 mV typical. The nFGD pin requires an
external pull-up resistor to a voltage not higher than VSS + 5.5V.
5
INP/VSS
See device Pin 7.
6
INN
Voltage sense connection to the external MOSFET Drain pin
Internally connected to device Pin 5. Negative supply voltage
connection and MOSFET voltage sense connected to the external
7
INP/VSS
MOSFET common source connection. All device voltages and currents
are referenced to this pin, unless otherwise stated. See the INP/VSS
PINS section.
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com