Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5051MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5051MA/NOPB
Description  LM5051 Low Side OR-ing FET Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5051MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5051MA/NOPB Datasheet HTML 9Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 10Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 11Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 12Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 13Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 14Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 15Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 16Page - Texas Instruments LM5051MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
INN
GATE INP/VSS
LM5051
LINE
VCC
RBIAS
0.1 F
LM5051
www.ti.com
SNVS702D – OCTOBER 2011 – REVISED MARCH 2013
Several factors can prevent the nFGD pin from indicating that the external MOSFET is operating normally. If the
LM5051 is used to connect parallel, redundant power supplies, one of the connected supplies may hold the
INP/VSS pin voltage close enough to the LM5051 INN pin voltage that the VSD(TST) threshold is not exceeded.
Additionally, operating with a high output capacitance value and low output load current may require a significant
amount of time before the output load capacitance is discharged to the point where the VSD(TST) threshold is
crossed and the nFGD pin switches.
The status of the nFGD pin does not depend on the status of the OFF pin. The status of the nFGD pin depends
only on the voltage at the INN pin relative to the INP/VSS pin being above, or below, the VSD(TST) threshold
voltage.
The nFGD output pin requires pull-up to an external voltage source, and must not be pulled higher than 5.5V
above the INP/VSS pin. It is recommended that the nFGD pin is not required to sink more than 2mA.
VCC PIN
The VCC pin is connected to the cathode of the internal shunt (zener) voltage regulator. The anode of the shunt
regulator is connected to the INP/VSS pin. The VCC pin provides bias for internal circuitry, as well as gate drive
to the external MOSFET. The VCC pin should always be bypassed with a 0.1
μF ceramic capacitor to the
INP/VSS pin.
Typically, the VCC pin is biased from the LINE pin, through the internal 50 k
Ω series resistor, when the available
VLINE voltage is not less than the 36V minimum operating voltage.
If the available LINE voltage is less than less than the 36V minimum operating voltage the VCC pin can be
biased through the use of an external resistor to an appropriate bias supply that is referenced to the INP/VSS
pin.
A minimum VCC pin bias current of 1 mA is recommended, with a recommended 10 mA maximum.
A design example for calculating the external resistor where the VCC pin will be biased from an 18V to 36V
supply (relative to the INP/VSS pin):
RBIAS = (VBIAS(MIN) - VZ) / IBIAS(MIN)
(1)
RBIAS = (18V - 13V) / 1 mA
(2)
RBIAS = 5.0 kΩ
(3)
Next, using the calculated RBIAS resistor value, verify that the VCC pin current will be no more than 10mA at the
maximum VBIAS voltage:
ICC = (VBIAS(MAX) - 13V) / RBIAS
(4)
ICC = (36V - 13V) / 5.0 k
Ω
(5)
ICC = 4.6 mA
(6)
Since the calculated 4.6 mA is less than the 10 mA maximum, the 5 k
Ω value for RBIAS is acceptable.
Figure 29. Using an External Resistor to Bias the VCC Pin
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com