Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5115 Datasheet (PDF) - Texas Instruments

LM5115 Datasheet PDF - Texas Instruments
Part # LM5115
Download  LM5115 Download
File Size   623.33 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5115 Secondary Side Post Regulator / Synchronous Buck Controller

LM5115 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5115 Datasheet PDF - Texas Instruments

Part # LM5115
Download  LM5115 Click to download

File Size   623.33 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5115 Secondary Side Post Regulator / Synchronous Buck Controller

LM5115 Datasheet (HTML) - Texas Instruments


LM5115 Product details

1FEATURES
2• Self-Synchronization to Main Channel Output
• Standalone DC/DC Synchronous Buck Mode
• Leading Edge Pulse Width Modulation
• Voltage-Mode Control with Current Injection
and Input Line Feed-Forward
• Operates from AC or DC Input up to 75V
• Wide 4.5V to 30V Bias Supply Range
• Wide 0.75V to 13.5V Output Range.
• Top and Bottom Gate Drivers Sink 2.5A Peak
• Adaptive Gate Driver Dead-Time Control
• Wide Bandwidth Error Amplifier (4MHz)
• Programmable Soft-Start
• Thermal Shutdown Protection
• TSSOP-16 or Thermally Enhanced WSON-16
Packages

DESCRIPTION
The LM5115 is a versatile switching regulator
controller. It has two main application configurations.
The first is utilizing the Secondary Side Post
Regulation (SSPR) technique to implement multiple
output power converters. In the second configuration,
it can be used as a standalone synchronous buck
controller (Please see Standalone DC/DC
Synchronous Buck Mode for more details). The
SSPR technique develops a highly efficient and well
regulated auxiliary output from the secondary side
switching waveform of an isolated power converter. Regulation of the auxiliary output voltage is achieved
by leading edge pulse width modulation (PWM) of the
main channel duty cycle. Leading edge modulation is
compatible with either current mode or voltage mode
control of the main output. The LM5115 drives
external high side and low side NMOS power
switches configured as a synchronous buck regulator.
A current sense amplifier provides overload
protection and operates over a wide common mode
input range. Additional features include a low dropout
(LDO) bias regulator, error amplifier, precision
reference, adaptive dead time control of the gate
signals and thermal shutdown.




Similar Part No. - LM5115

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
Secondary Side Post Regulator Controller
logo
Texas Instruments
LM5115 TI-LM5115 Datasheet
931Kb / 24P
LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115 Datasheet
959Kb / 24P
Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI-LM5115 Datasheet
931Kb / 24P
Secondary Side Post Regulator / Synchronous Buck Controller
logo
National Semiconductor ...
LM5115A NSC-LM5115A Datasheet
403Kb / 20P
Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down Tracking
More results


Similar Description - LM5115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
Secondary Side Post Regulator Controller
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
Secondary Side Post Regulator Controller
logo
Texas Instruments
LM5115MTCX TI-LM5115MTCX Datasheet
931Kb / 24P
LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
Secondary Side Post Regulator / Synchronous Buck Controller
logo
Linear Technology
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
Secondary Side Synchronous Post Regulator
logo
Texas Instruments
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
Secondary Side Post Regulator / Synchronous Buck Controller
LM25115 TI-LM25115_15 Datasheet
951Kb / 23P
LM25115 Secondary Side Post Regulator Controller
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
Secondary Side Synchronous Post Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com