Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM42 Datasheet (PDF) - TT Electronics.

PM42 Datasheet PDF - TT Electronics.
Part # PM42
Download  PM42 Download
File Size   502.8 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PM42 30-48W Medical and ITE Power Supplies Series (30-48W)

PM42 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM42 Datasheet PDF - TT Electronics.

Part # PM42
Download  PM42 Click to download

File Size   502.8 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PM42 30-48W Medical and ITE Power Supplies Series (30-48W)

PM42 Datasheet (HTML) - TT Electronics.


PM42 Product details

Features:
• BF Class insulation
• Suitable for both Class I and Class II applications *
• Medical and ITE approvals
• Compact size 2” X 4” X 1.18”
• Single, dual and triple outputs
• Wide-Range input 90-264 VAC
• Low earth leakage current
• Level B emissions
• RoHS Compliant
Description:
The PM42 series of compact, open PCB constructed, AC-DC switching power supplies are capable of delivering 30-48 watts of continuous
output power at convection cooling. They operate at 90-264 VAC input voltage without the need of voltage selection, and are suited for
medical, information technology and industrial applications. Approval to both EN60601-1 and EN60950-1 Safety Standards improves
design-in time and reduces end equipment compliance costs.




Similar Part No. - PM42

ManufacturerPart #DatasheetDescription
logo
Powerbox
PM42 POWERBOX-PM42 Datasheet
694Kb / 2P
3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PM42-10A POWERBOX-PM42-10A Datasheet
694Kb / 2P
3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PM42-12A POWERBOX-PM42-12A Datasheet
694Kb / 2P
3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PM42-13A POWERBOX-PM42-13A Datasheet
694Kb / 2P
3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PM42-14A POWERBOX-PM42-14A Datasheet
694Kb / 2P
3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
More results


Similar Description - PM42

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KDD40 ETC1-KDD40 Datasheet
150Kb / 4P
DC-DC CONVERTER 33 ~ 48W
logo
Tumbler Technologies + ...
TM41 TRUMPOWER-TM41 Datasheet
223Kb / 2P
30-40 WATT MEDICAL POWER SUPPLIES
TMC40 TRUMPOWER-TMC40 Datasheet
137Kb / 2P
30-48 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC100-S05 TRUMPOWER-TMC100-S05 Datasheet
107Kb / 2P
100 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
logo
Volgen Kaga Electronics...
STD-1203 VOLGEN-STD-1203 Datasheet
103Kb / 2P
ADAPTER - 36W / 48W/ 60W
logo
Tumbler Technologies + ...
TMC100 TRUMPOWER-TMC100 Datasheet
77Kb / 2P
100 Watts Medical & ITE Switching Power Supplies
TWM280 TRUMPOWER-TWM280 Datasheet
305Kb / 3P
280W Medical and ITE Grade AC/DC Power Supplies
logo
TDK Electronics
CUS350M TDK-CUS350M Datasheet
1Mb / 3P
Single Output 350W Medical & ITE Power Supplies
logo
Inventronics Inc.
DS-EBV-048SXXXSVF INVENTRONICS-DS-EBV-048SXXXSVF Datasheet
348Kb / 8P
48W Constant Voltage IP67 Driver
Rev. B
LUC-048SXXXDSP INVENTRONICS-LUC-048SXXXDSP Datasheet
934Kb / 8P
48W Constant Current IP66 Driver
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com