Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC280 Datasheet (PDF) - STMicroelectronics

74AC280 Datasheet PDF - STMicroelectronics
Part # 74AC280
Download  74AC280 Download
File Size   64.02 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 9 BIT PARITY GENERATOR

74AC280 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AC280 Datasheet PDF - STMicroelectronics

Part # 74AC280
Download  74AC280 Click to download

File Size   64.02 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 9 BIT PARITY GENERATOR

74AC280 Datasheet (HTML) - STMicroelectronics


74AC280 Product details

DESCRIPTION
The 74AC280 is an advanced high-speed CMOS 9 BIT PARITY GENERATOR fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS tecnology.
   
■ HIGH SPEED: tPD = 6ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
    ICC = 4µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY:
    VNIH = VNIL = 28 % VCC (MIN.)
■ 50Ω TRANSMISSION LINE DRIVING
    CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 24mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
    VCC (OPR) = 2V to 6V
■ PIN AND FUNCTION COMPATIBLE WITH
    74 SERIES 280
■ IMPROVED LATCH-UP IMMUNITY
   




Similar Part No. - 74AC280

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC280 FAIRCHILD-74AC280 Datasheet
65Kb / 6P
9-Bit Parity Generator/Checker
More results


Similar Description - 74AC280

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
9-Bit Parity Generator/Checker
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
9-Bit Parity Generator/Checker
logo
STMicroelectronics
M54HC280 STMICROELECTRONICS-M54HC280 Datasheet
242Kb / 10P
9 BIT PARITY GENERATOR
Oct-1992
logo
Fairchild Semiconductor
74AC280 FAIRCHILD-74AC280 Datasheet
65Kb / 6P
9-Bit Parity Generator/Checker
DM74S280 FAIRCHILD-DM74S280 Datasheet
62Kb / 5P
9-Bit Parity Generator/Checker
logo
STMicroelectronics
74LVQ280 STMICROELECTRONICS-74LVQ280 Datasheet
229Kb / 8P
9 BIT PARITY GENERATOR
Jul-2001
logo
Toshiba Semiconductor
TC74HC280AP TOSHIBA-TC74HC280AP_07 Datasheet
335Kb / 9P
9-Bit Parity Generator/Checker
logo
STMicroelectronics
74LVQ280 STMICROELECTRONICS-74LVQ280_04 Datasheet
276Kb / 11P
9 BIT PARITY GENERATOR
29-Jul-2004
M74HC280 STMICROELECTRONICS-M74HC280 Datasheet
303Kb / 9P
9 BIT PARITY GENERATOR
Jul-2001
logo
Fairchild Semiconductor
74F280SCX FAIRCHILD-74F280SCX Datasheet
77Kb / 6P
9-Bit Parity Generator/Checker
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com