Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC280 Datasheet (PDF) - STMicroelectronics

M54HC280 Datasheet PDF - STMicroelectronics
Part # M54HC280
Download  M54HC280 Download
File Size   242.33 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 9 BIT PARITY GENERATOR

M54HC280 Datasheet (PDF)

Go To PDF Page Download Datasheet
M54HC280 Datasheet PDF - STMicroelectronics

Part # M54HC280
Download  M54HC280 Click to download

File Size   242.33 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 9 BIT PARITY GENERATOR

M54HC280 Datasheet (HTML) - STMicroelectronics


M54HC280 Product details

DESCRIPTION
The M54/74HC280 is a high speed CMOS 9-BIT PARITY GENERATOR fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low consumption.
   
■ HIGH SPEED
    tPD = 22 ns (TYP.) at VCC = 5 V
■ LOW POWER DISSIPATION
    ICC = 4 µA (MAX.) at TA = 25 °C 6 V
■ HIGH NOISE IMMUNITY
    VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY
    10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
    |IOH = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
    tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE
    VCC (OPR) = 2 V to 6 V
■ PIN AND FUNCTION COMPATIBLE WITH
    54/74LS280
   




Similar Part No. - M54HC280

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
247Kb / 10P
4 BIT BINARY FULL ADDER
Oct-1992
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC283D STMICROELECTRONICS-M54HC283D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC283F1R STMICROELECTRONICS-M54HC283F1R Datasheet
247Kb / 10P
4 BIT BINARY FULL ADDER
Oct-1992
M54HC283K STMICROELECTRONICS-M54HC283K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results


Similar Description - M54HC280

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
9-Bit Parity Generator/Checker
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
9-Bit Parity Generator/Checker
logo
STMicroelectronics
74AC280 STMICROELECTRONICS-74AC280 Datasheet
64Kb / 8P
9 BIT PARITY GENERATOR
Dec-1998
logo
Fairchild Semiconductor
74AC280 FAIRCHILD-74AC280 Datasheet
65Kb / 6P
9-Bit Parity Generator/Checker
DM74S280 FAIRCHILD-DM74S280 Datasheet
62Kb / 5P
9-Bit Parity Generator/Checker
logo
STMicroelectronics
74LVQ280 STMICROELECTRONICS-74LVQ280 Datasheet
229Kb / 8P
9 BIT PARITY GENERATOR
Jul-2001
logo
Toshiba Semiconductor
TC74HC280AP TOSHIBA-TC74HC280AP_07 Datasheet
335Kb / 9P
9-Bit Parity Generator/Checker
logo
STMicroelectronics
74LVQ280 STMICROELECTRONICS-74LVQ280_04 Datasheet
276Kb / 11P
9 BIT PARITY GENERATOR
29-Jul-2004
M74HC280 STMICROELECTRONICS-M74HC280 Datasheet
303Kb / 9P
9 BIT PARITY GENERATOR
Jul-2001
logo
Fairchild Semiconductor
74F280SCX FAIRCHILD-74F280SCX Datasheet
77Kb / 6P
9-Bit Parity Generator/Checker
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com