Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC280 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC280
Description  9 BIT PARITY GENERATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC280 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC280 Datasheet HTML 1Page - STMicroelectronics M54HC280 Datasheet HTML 2Page - STMicroelectronics M54HC280 Datasheet HTML 3Page - STMicroelectronics M54HC280 Datasheet HTML 4Page - STMicroelectronics M54HC280 Datasheet HTML 5Page - STMicroelectronics M54HC280 Datasheet HTML 6Page - STMicroelectronics M54HC280 Datasheet HTML 7Page - STMicroelectronics M54HC280 Datasheet HTML 8Page - STMicroelectronics M54HC280 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
M54HC280
M74HC280
October 1992
9 BIT PARITY GENERATOR
B1R
(Plastic Package)
ORDER CODES :
M54HC280F1R
M74HC280M1R
M74HC280B1R
M74HC280C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
.
HIGH SPEED
tPD = 22 ns (TYP.) at VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) at TA =25 °C6 V
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V to 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS280
The M54/74HC280 is a high speed CMOS 9-BIT
PARITY GENERATOR fabricated in silicon gate
C
2MOS technology. It has the same high speed per-
formance of LSTTL combined with true CMOS low
consumption.
It is composed of nine data inputs (A to I) and
odd/even parity outputs (
Σ ODD and Σ EVEN). The
nine data inputs control the output conditions. When
the number of high level inputs is odd,
ΣODD output
is kept high and
ΣEVEN output low. Conversely,
when the number is even ,
ΣEVEN output is kept
high and
ΣODD low.
This IC generates either odd or even parity making
it flexible application.
The word-length capability is easily expanded by
cascading.
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
DESCRIPTION
1/10


Similar Part No. - M54HC280

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
247Kb / 10P
4 BIT BINARY FULL ADDER
Oct-1992
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC283D STMICROELECTRONICS-M54HC283D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC283F1R STMICROELECTRONICS-M54HC283F1R Datasheet
247Kb / 10P
4 BIT BINARY FULL ADDER
Oct-1992
M54HC283K STMICROELECTRONICS-M54HC283K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC280

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
9-Bit Parity Generator/Checker
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
9-Bit Parity Generator/Checker
logo
STMicroelectronics
74AC280 STMICROELECTRONICS-74AC280 Datasheet
64Kb / 8P
9 BIT PARITY GENERATOR
Dec-1998
logo
Fairchild Semiconductor
74AC280 FAIRCHILD-74AC280 Datasheet
65Kb / 6P
9-Bit Parity Generator/Checker
DM74S280 FAIRCHILD-DM74S280 Datasheet
62Kb / 5P
9-Bit Parity Generator/Checker
logo
STMicroelectronics
74LVQ280 STMICROELECTRONICS-74LVQ280 Datasheet
229Kb / 8P
9 BIT PARITY GENERATOR
Jul-2001
logo
Toshiba Semiconductor
TC74HC280AP TOSHIBA-TC74HC280AP_07 Datasheet
335Kb / 9P
9-Bit Parity Generator/Checker
logo
STMicroelectronics
74LVQ280 STMICROELECTRONICS-74LVQ280_04 Datasheet
276Kb / 11P
9 BIT PARITY GENERATOR
29-Jul-2004
M74HC280 STMICROELECTRONICS-M74HC280 Datasheet
303Kb / 9P
9 BIT PARITY GENERATOR
Jul-2001
logo
Fairchild Semiconductor
74F280SCX FAIRCHILD-74F280SCX Datasheet
77Kb / 6P
9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com