Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC722LP3E Datasheet (PDF) - Analog Devices

HMC722LP3E Datasheet PDF - Analog Devices
Part # HMC722LP3E
Download  HMC722LP3E Download
File Size   632.33 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE

HMC722LP3E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC722LP3E Datasheet PDF - Analog Devices

Part # HMC722LP3E
Download  HMC722LP3E Click to download

File Size   632.33 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE

HMC722LP3E Datasheet (HTML) - Analog Devices


HMC722LP3E Product details

Typical Applications
The HMC722LP3E is ideal for:
• RF ATE Applications
• Broadband Test & Measurement
• Serial Data Transmission up to 13 Gbps
• Digital Logic Systems up to 13 GHz
• NRZ-to-RZ Conversion

Features
Supports High Data Rates: up to 13 Gbps
Differential & Singe-Ended Operation
Fast Rise and Fall Times: 19 / 18 ps
Low Power Consumption: 230 mW typ.
Programmable Differential
Output Voltage Swing: 600 - 1100 mV
Propagation Delay: 95 ps
Single Supply: -3.3V
16 Lead 3x3 mm SMT Package: 9 mm²

General Description
The HMC722LP3E is an AND/NAND/OR/NOR function designed to support data transmission rates of up to 13 Gbps, and clock frequencies as high as 13 GHz. The HMC772LP3E may be easily configured to provide any of the following logic functions: AND, NAND, OR and NOR. The HMC722LP3E also features an output level control pin, VR, which allows for loss compensation or for signal level optimization.
All input signals to the HMC722LP3E are terminated with 50 Ohms to ground on-chip, and may be either AC or DC coupled. The differential outputs of the HMC722LP3E may be either AC or DC coupled. Outputs can be connected directly to a 50 Ohm to ground terminated system, while DC blocking capacitors may be used if the terminating system is 50 Ohms to a non-ground DC voltage. The HMC722LP3E operates from a single -3.3V DC supply, and is available in a RoHS compliant 3x3 mm SMT package.




Similar Part No. - HMC722LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC722LP3E HITTITE-HMC722LP3E Datasheet
693Kb / 8P
13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE
More results


Similar Description - HMC722LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC745LC3C HITTITE-HMC745LC3C Datasheet
280Kb / 8P
13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC746LC3C HITTITE-HMC746LC3C Datasheet
263Kb / 8P
13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC721LC3C HITTITE-HMC721LC3C Datasheet
385Kb / 8P
14 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC722LC3C HITTITE-HMC722LC3C Datasheet
660Kb / 8P
13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC722LP3E HITTITE-HMC722LP3E Datasheet
693Kb / 8P
13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC726LC3C HITTITE-HMC726LC3C Datasheet
425Kb / 8P
14 Gbps, FAST RISE TIME AND / NAND / OR / NOR GATE
HMC745LC3 HITTITE-HMC745LC3_11 Datasheet
563Kb / 8P
13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC745LC3C HITTITE-HMC745LC3C_11 Datasheet
372Kb / 8P
13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC746LC3C HITTITE-HMC746LC3C_10 Datasheet
696Kb / 8P
13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC843LC4B HITTITE-HMC843LC4B Datasheet
1,010Kb / 8P
45 Gbps, AND / NAND / OR / NOR w/ PROGRAMMABLE OUTPUT VOLTAGE
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com