Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC722LP3E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC722LP3E
Description  13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC722LP3E Datasheet(HTML) 2 Page - Analog Devices

  HMC722LP3E Datasheet HTML 1Page - Analog Devices HMC722LP3E Datasheet HTML 2Page - Analog Devices HMC722LP3E Datasheet HTML 3Page - Analog Devices HMC722LP3E Datasheet HTML 4Page - Analog Devices HMC722LP3E Datasheet HTML 5Page - Analog Devices HMC722LP3E Datasheet HTML 6Page - Analog Devices HMC722LP3E Datasheet HTML 7Page - Analog Devices HMC722LP3E Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
3 - 2
Electrical Specifications, (continued)
HMC722LP3E
v00.0210
13 Gbps, FAST RISE TIME AND/NAND/OR/NOR
GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE
Parameter
Conditions
Min.
Typ.
Max
Units
Output Low Voltage
-570
mV
Output Rise / Fall Time
Differential, 20% - 80%
19 / 18
ps
Output Return Loss
Frequency <13 GHz
10
dB
Small Signal Gain
27
dB
Random Jitter Jr
rms
0.2
ps rms
Deterministic Jitter, Jd
peak-to-peak, 215-1 PRBS input [1]
2
ps, pp
Propagation Delay, td
95
ps
[1] Deterministic jitter calculated by simultaneously measuring the jitter of a 300 mV, 13 GHz, 215-1 PRBS input, and a single-ended output
[1] VR = 0.0V
[2] Frequency = 13 GHz
[3] Frequency = 10 GHz
DC Current vs. Supply Voltage [1] [2]
Output Differential
vs. Supply Voltage [1] [3]
Output Differential vs. VR [2]
Output Differential vs. Frequency [3]
55
60
65
70
75
80
85
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
-2.9
+25C
+85C
-40C
SUPPLY VOLTAGE (V)
400
500
600
700
800
900
1000
1100
1200
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
+25C
+85C
-40C
VR (V)
800
850
900
950
1000
1050
1100
1150
1200
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
-2.9
+25C
+85C
-40C
SUPPLY VOLTAGE (V)
600
700
800
900
1000
1100
1200
1300
2
4
6
8
10
12
14
16
INPUT FREQUENCY (GHz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com