Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1240E Datasheet (PDF) - Texas Instruments

ADS1240E Datasheet PDF - Texas Instruments
Part # ADS1240E
Download  ADS1240E Download
File Size   700.57 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit ANALOG-TO-DIGITAL CONVERTER

ADS1240E Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1240E Datasheet PDF - Texas Instruments

Part # ADS1240E
Download  ADS1240E Click to download

File Size   700.57 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit ANALOG-TO-DIGITAL CONVERTER

ADS1240E Datasheet (HTML) - Texas Instruments


ADS1240E Product details

FEATURES
24 BITS NO MISSING CODES
SIMULTANEOUS 50Hz AND 60Hz REJECTION
(–90dB MINIMUM)
0.0015% INL
21 BITS EFFECTIVE RESOLUTION
PGA = 1), 19 BITS (PGA = 128)
PGA GAINS FROM 1 TO 128
SINGLE CYCLE SETTLING
PROGRAMMABLE DATA OUTPUT RATES
EXTERNAL DIFFERENTIAL REFERENCE
OF 0.1V TO 5V
ON-CHIP CALIBRATION
SPI™ COMPATIBLE
2.7V TO 5.25V SUPPLY RANGE
600μW POWER CONSUMPTION
UP TO EIGHT INPUT CHANNELS
UP TO EIGHT DATA I/O

APPLICATIONS
INDUSTRIAL PROCESS CONTROL
WEIGH SCALES
LIQUID/GAS CHROMATOGRAPHY
BLOOD ANALYSIS
SMART TRANSMITTERS
PORTABLE INSTRUMENTATION

DESCRIPTION
The ADS1240 and ADS1241 are precision, wide dynamic range,
delta-sigma, Analog-to-Digital (A/D) converters with 24-bit resolution
operating from 2.7V to 5.25V power supplies. The delta-sigma A/D
converter provides up to 24 bits of no missing code performance and
effective resolution of 21 bits.
The input channels are multiplexed. Internal buffering can be
selected to provide very high input impedance for direct connection
to transducers or low-level voltage signals. Burnout current sources
are provided that allow for detection of an open or shorted sensor.
An 8-bit Digital-to-Analog (D/A) converter provides an offset correction
with a range of 50% of the Full-Scale Range (FSR).
The Programmable Gain Amplifier (PGA) provides selectable gains of
1 to 128, with an effective resolution of 19 bits at a gain of 128. The
A/D conversion is accomplished with a 2nd-order delta-sigma modulator
and programmable Finite-Impulse Response (FIR) filter that
provides a simultaneous 50Hz and 60Hz notch. The reference input
is differential and can be used for ratiometric conversion.
The serial interface is SPI compatible. Up to eight bits of data
I/O are also provided that can be used for input or output. The
ADS1240 and ADS1241 are designed for high-resolution measurement
applications in smart transmitters, industrial process control,
weigh scales, chromatography, and portable instrumentation.




Similar Part No. - ADS1240E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1240E TI-ADS1240E Datasheet
416Kb / 23P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240E TI1-ADS1240E Datasheet
1Mb / 31P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240E TI1-ADS1240E Datasheet
1,019Kb / 30P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240E/1K TI-ADS1240E/1K Datasheet
416Kb / 23P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240E/1K TI1-ADS1240E/1K Datasheet
1,019Kb / 30P
24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS1240E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
24-Bit ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com