Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE0064IPBK.A Datasheet (PDF) - Texas Instruments

AFE0064IPBK.A Datasheet PDF - Texas Instruments
Part # AFE0064IPBK.A
Download  AFE0064IPBK.A Download
File Size   728.64 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 64 Channel Analog Front End for Digital X-Ray Detector

AFE0064IPBK.A Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE0064IPBK.A Datasheet PDF - Texas Instruments

Part # AFE0064IPBK.A
Download  AFE0064IPBK.A Click to download

File Size   728.64 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 64 Channel Analog Front End for Digital X-Ray Detector

AFE0064IPBK.A Datasheet (HTML) - Texas Instruments


AFE0064IPBK.A Product details

1FEATURES
• 64 Channels
• 28.32 μSec Min Scan Time (including
integration and data transfer for all 64
channels)
• 7.5 MHz Max Data Transfer Rate
• Noise 824 e-RMS with 30 pF Sensor Capacitor
in 1.2 pC Range
• Integral Nonlinearity: ±0.006% of FSR
• Eight Adjustable Full Scale Ranges (0.13 pC
min to 9.5 pC max)
• Built in CDS (signal sample – offset sample)
• Selectable Integration Up/Down Mode
• Low Power: 175 mW
• NAP Mode: 49.5 mW
• 14 mm × 14 mm 128 Pin TQFP Package

APPLICATIONS
• Digital Radiography
• CT Scanners
• Baggage Scanners
• Infrared Spectroscopy

DESCRIPTION
The AFE0064 is a 64 channel analog front end
designed to suit the requirements of flat panel
detector based digital X-ray systems.
The device includes 64 integrators, a PGA for full
scale charge level selection, correlated double
sampler, 64 as to 2 multiplexer, and two differential
output drivers.
Hardware selectable Integration polarity allows
integration of a positive or negative charge and provides more flexibility in system design. In addition,
the device features TFT (Thin Film Transistor from
Flat Panel Detector) charge injection compensation.
This feature helps maximize the usable signal charge
range of the device.
The nap feature enables substantial power saving. This is especially useful for power saving during long
X-ray exposure periods.
The AFE0064 is available in a 128 pin TQFP
package.




Similar Part No. - AFE0064IPBK.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE0064IPBK TI-AFE0064IPBK Datasheet
545Kb / 25P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0064IPBK TI-AFE0064IPBK Datasheet
1Mb / 31P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0064IPBK TI1-AFE0064IPBK Datasheet
1Mb / 32P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0064IPBKR TI-AFE0064IPBKR Datasheet
545Kb / 25P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0064IPBKR TI-AFE0064IPBKR Datasheet
1Mb / 31P
64 Channel Analog Front End for Digital X-Ray Detector
More results


Similar Description - AFE0064IPBK.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE0064 TI-AFE0064 Datasheet
545Kb / 25P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0064 TI-AFE0064_13 Datasheet
1Mb / 31P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0256 TI1-AFE0256 Datasheet
2Mb / 5P
256-Channel Analog Front-End for Flat-Panel Digital X-Ray Detector
AFE0064 TI1-AFE0064_14 Datasheet
1Mb / 32P
64 Channel Analog Front End for Digital X-Ray Detector
logo
Hamamatsu Corporation
S8559 HAMAMATSU-S8559_15 Datasheet
76Kb / 2P
Detector for X-ray monitor
logo
Texas Instruments
AFE1256 TI1-AFE1256 Datasheet
398Kb / 10P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2256 TI1-AFE2256 Datasheet
72Kb / 6P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2256 TI1-AFE2256_17 Datasheet
126Kb / 7P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2257 TI1-AFE2257 Datasheet
139Kb / 6P
256-Channel, analog front-end for digital X-ray, flat-panel detectors
AFE3256 TI-AFE3256 Datasheet
506Kb / 6P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com