Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7866 Datasheet (PDF) - Texas Instruments

ADS7866 Datasheet PDF - Texas Instruments
Part # ADS7866
Download  ADS7866 Download
File Size   751.7 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE

ADS7866 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7866 Datasheet PDF - Texas Instruments

Part # ADS7866
Download  ADS7866 Click to download

File Size   751.7 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE

ADS7866 Datasheet (HTML) - Texas Instruments


ADS7866 Product details

FEATURES
· Single 1.2-V to 3.6-V Supply Operation
· High Throughput
– 200/240/280KSPS for 12/10/8-Bit VDD ³ 1.6 V
– 100/120/140KSPS for 12/10/8-Bit V DD ³ 1.2 V
· ±1.5LSB INL, 12-Bit NMC (ADS7866)
· 71 dB SNR, –83 dB THD at fIN = 30 kHz
(ADS7866)
· Synchronized Conversion with SCLK
· SPI Compatible Serial Interface
· No Pipeline Delays
· Low Power
– 1.39 mW Typ at 200 KSPS, VDD = 3.6 V
– 0.39 mW Typ at 200 KSPS, V DD = 1.6 V
– 0.22 mW Typ at 100 KSPS, VDD = 1.2 V
· Auto Power-Down: 8 nA Typ, 300 nA Max
· 0 V to V DD Unipolar Input Range
· 6-Pin SOT-23 Package

APPLICATIONS
· Battery Powered Systems
· Isolated Data Acquisition
· Medical Instruments
· Portable Communication
· Portable Data Acquisition Systems
· Automatic Test Equipment

DESCRIPTION
The ADS7866/67/68 are low power, miniature,
12/10/8-bit A/D converters each with a unipolar,
single-ended input. These devices can operate from a
single 1.6 V to 3.6 V supply with a 200-KSPS
throughput for ADS7866. In addition, these devices
can maintain at least a 100-KSPS throughput with a
supply as low as 1.2 V.
The sampling, conversion, and activation of digital
output SDO are initiated on the falling edge of CS.
The serial clock SCLK is used for controlling the
conversion rate and shifting data out of the converter.
Furthermore, SCLK provides a mechanism to allow
digital host processors to synchronize with the con-
verter. These converters interface with
micro-processors or DSPs through a high-speed SPI
compatible serial interface. There are no pipeline
delays associated with the device.
The minimum conversion time is determined by the
frequency of the serial clock input, SCLK, while the
maximum frequency of SCLK is determined by the
minimum sampling time required to charge the input
capacitance to 12/10/8-bit accuracy for the
ADS7866/67/68, respectively. The maximum
throughput is determined by how often a conversion
is initiated when the minimum sampling time is met
and the maximum SCLK frequency is used. Each
device automatically powers down after each conver·
sion, which allows each device to save power when
the throughput is reduced while using the maximum
SCLK frequency.
The converter reference is taken internally from the
supply. Hence, the analog input range for these
devices is 0 V to VDD.
These devices are available in a 6-pin SOT-23
package and are characterized over the industrial
–40°C to 85°C temperature range.




Similar Part No. - ADS7866

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7866 TI-ADS7866 Datasheet
541Kb / 24P
1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS7866 BURR-BROWN-ADS7866 Datasheet
843Kb / 22P
10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7866 TI-ADS7866 Datasheet
645Kb / 17P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7866 TI1-ADS7866 Datasheet
1Mb / 29P
1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS7866 TI2-ADS7866 Datasheet
1Mb / 31P
ADS7886 12-Bit, 1-MSPS, Micro-Power, Miniature SAR Analog-to-Digital Converters
REVISED AUGUST 2016
More results


Similar Description - ADS7866

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7866 TI-ADS7866 Datasheet
541Kb / 24P
1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
logo
Burr-Brown (TI)
ADS7868IDBVTG4 BURR-BROWN-ADS7868IDBVTG4 Datasheet
1Mb / 28P
1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
logo
Texas Instruments
ADS7866 TI1-ADS7866_14 Datasheet
1Mb / 29P
1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS8318 TI1-ADS8318_14 Datasheet
1Mb / 35P
16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8339 TI1-ADS8339 Datasheet
1Mb / 40P
ADS8339 16-Bit, 250-kSPS, Serial Interface, Micro-Power, Miniature, SAR Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com